Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 64Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 65Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 66Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 67Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 68Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 69Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 70Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
ERRMON_FLT_POLARITY
Condition to detect a fault
0 (default)
High to low level
1
Low to high level
Table 36. Signal polarity to detect an error on HVIO1 pin
ERRMON_FS_REACTION
Reaction
0
Error on HVIO1 pin asserts LIMP0 only
1 (default)
Error on HVIO1 pin asserts LIMP0 and RSTB
Table 37. Reaction when an error is detected HVIO1 pin
ERRMON_ACK_TIME[1:0]
Time allowed for acknowledgment
00
0 ms
01 (default)
8 ms
10
16 ms
11
32 ms
Table 38. Allowed time before receiving microcontroller acknowledge when an external IC error is
detected
ERRMON
Error flag on HVIO1
0
No error detected by FS24
1
Error detected. FS24 is waiting for an acknowledgment within the allowed time.
Table 39. Error flag for external IC monitoring
ERRMON_ACK
Error flag on HVIO1
0
No error reported by MCU
1
Error detected and reported to FS24 by MCU
Table 40. Acknowledgment from MCU register
The acknowledgment by the MCU is done through SPI communication according to Figure 42:
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
68 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com