Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2846 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
,
Power Analog Microelectronics Inc
2
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
GND
SOFT START
SLOPE
COMPENSATION
+
PWM
COMPATATOR
MAIN
CONTROL
CURRENT
LIMIT
CS AMP
led short protect
I_set AMP
PWM DIMMING
ENABLE
LDO1
UVLO
OTP
Bandgap
POR
Iset
PWMD
ENA
VIN
OVP
SW
PGND
LED1
LED2
LED3
LED4
LED5
LED6
Level Shift Driver
Vcc-5V
LDO2
Vcc-driver
1.2V
EA
VC
led short protect
led short protect
led short protect
led short protect
led short protect
1.6MHz
1MHz
500KHz
Fsel
07/2008 Rev 1.2
LED Feedback
1.2V
OVP
LED1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com