Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2846 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
,
Power Analog Microelectronics Inc
4
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
VIN,ENA.....................................-0.3V To +30V
SW ,LED.....................................-0.3V To +40V
Vcc-5V,Vcc-driver,VC....................-0.3V To +6V
PWMD,Fsel,OVP,Iset.....................-0.3V To +6V
Junction Temperature Range.......-40 C to 125 C
Storage Temperature..................-40 C to 150 C
Maximum Junction Temperature...............150 C
Soldering Temperature....................300 C,5sec
OO
OO
O
O
Supply Voltage Range.......................4.8V to 28V
Operating Temperature.................-20 C to 85 C
OO
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
4x4mm QFN
θjC
2°C/W
Thermal Resistance
(Junction to Environment)
4x4mm QFN
θjA
37
°C/W
07/2008 Rev 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com