Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
,
Power Analog Microelectronics Inc
8
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
Typical Performance Characteristic
Analog Dimming Signal Step
Total LED Current Line regulation
Efficiency VS Input Voltage
75%
80%
85%
90%
95%
100%
4
8
12
16
20
24
28
Input Voltage (V)
10x6 LED
8x6 LED
6x6 LED
T =25°C, V =ENA=12V,
AIN
Rset=10k , L=22 H, Fsw=500kHz, 10x6 LED, unless otherwise noted
Ωμ
133.5
134
134.5
135
135.5
136
136.5
137
137.5
4
8
12
16
20
24
28
Input Voltage (V)
0
5
10
15
20
25
0
5
10 15 20 25 30 35 40 45 50 55 60 65
ENA Dimming Step
07/2008 Rev 1.2
Max Output Current Vs Output Voltage
(Per Channel)
0
20
40
60
80
100
16
20
24
28
32
36
40
Output Voltage (V)
Vin=12V
Vin=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com