Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2846 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristic
T =25°C, V =ENA=12V, L=22 H,
AIN
μ
Rset=10k
unless otherwise noted
Ω
,
,
Power Analog Microelectronics Inc
5
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
PARAMETER
Conditions
Min
Typ
Max
Units
Input Voltage Range
4.8
28
V
ENA=high (no switching)
1
2
Fsel=high (1.6M switching frequency)
10
Fsel =high (1M switching frequency)
6
Fsel =high (500k switching frequency)
3
mA
Quiescent Current
ENA=low
5
20
μA
LDO Stage
Vcc_5V
4.7
5
5.5
V
Vcc_5V current_limit
14
74
90
mA
Vcc_5V UVLO Threshold
3.9
4.2
4.5
V
Vcc_5V UVLO Hysteresis
70
mV
Vcc_driver
4.7
5
5.5
V
Vcc_driver current_limit
14
74
90
mA
Vcc_driver UVLO Threshold
3.9
4.2
4.5
V
Vcc_driver UVLO Hysteresis
70
mV
Boost Stage
Switch Rdson
Vcc_5V=5V
0.2
Ω
Switch Current Limit
2.5
A
Switch Leakage Current
1
μA
Fsel =Vcc_5V
1.6
MHz
Fsel =Open
1.0
MHz
Switching Frequency
Fsel =Gnd
500
kHz
Fsel =Vcc_5V
20
%
Fsel =Open
10
%
Minimums Duty Cycle
Fsel =Gnd
5
%
Maximums Duty Cycle
90
%
VC Source Current
60
μ
A
VC Sink Current
60
μ
A
No switching
No switching
No switching
No switching
No switching
No switching
No switching
No switching
07/2008 Rev 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com