Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2846 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Configuration
Pin Descriptions
,
Power Analog Microelectronics Inc
3
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
1
2
3
4
5
7
89
10
11
14
15
16
17
18
20
21
22
23
24
6
12
13
19
QFN 4mmX4mm
P2846
XXXYW
XXX: Internal Code
Y: Year
W: Weekly
Pin Number
Name
Description
1
VIN
Supply input
2
Vcc-driver
5V linear regulator output for power MOS driver
3
GND
Ground
4
ENA
Enable input
5
PWMD
PWM dimming control
6
LED1
LED1 cathode terminal
7
LED2
LED2 cathode terminal
8
LED3
LED3 cathode terminal
9
GND
Ground
10
GND
Ground
11
LED4
LED4 cathode terminal
12
LED5
LED5 cathode terminal
13
LED6
LED6 cathode terminal
14
Iset
LED current adjustment pin
15
Vcc-5V
5V linear regulator output
16
VC
Boost stage compensation pin
17
Fsel
Oscillator frequency selection pin
18
OVP
Over voltage protection
19
PGND
Power ground
20
PGND
Power ground
21
PGND
Power ground
22
SW
Power MOS drain
23
SW
Power MOS drain
24
SW
Power MOS drain
07/2008 Rev 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com