Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2846 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
,
Power Analog Microelectronics Inc
7
www.poweranalog.com
0
5
10
15
20
25
20%
40%
60%
80%
100%
Duty cycle
0
1
2
3
4
5
6
010
20
30
Input voltage (V)
PAM2846
Integrated 6 String LED Boost Type Driver
Typical Performance Characteristic
LED Current VS PWMD Duty cycle@100Hz
Shutdown current VS Input Voltage
Input Voltage VS Efficiency
T =25°C, V =ENA=12V,
AIN
Rset=10k , L=22 H, Fsw=500kHz, 10x6 LEDs, unless otherwise noted
Ωμ
0
2
4
6
8
10
6
1014182226
Input Voltage
PWMD=0
Fsw=500KHz
Fsw=1MHz
Fsw=1.6MHz
Quiescent current VS Input Voltage
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
5
9
13
17
21
25
Input Voltage (V)
Fsw =500KHz
Fsw =1MHz
Fsw =1.6MHz
07/2008 Rev 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com