Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2846 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2846
Description  Integrated 6 String LED Boost Type Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2846 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2846 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2846 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
,
Power Analog Microelectronics Inc
9
www.poweranalog.com
PAM2846
Integrated 6 String LED Boost Type Driver
Typical Performance Characteristic
07/2008 Rev 1.2
T =25°C, V =ENA=12V,
AIN
Rset=10k , L=22 H, Fsw=500kHz, 10x6 LEDs, unless otherwise noted.
Ωμ
LED Current Waveforms (PWMD=50%)
PWMD
DC
coupling
V
LED1
DC
coupling
I
LED
DC
coupling
LED
(
=80%)
Current Waveforms PWMD
PWMD
DC
coupling
V
LED1
DC
coupling
I
LED
DC
coupling
Startup Waveforms
Vout
DC
coupling
I
L
DC
coupling
ENA
DC
coupling
PWM Dimming (Duty Cycle=20%)
PWMD
DC
coupling
V
LED1
DC
coupling
I
LED
DC
coupling
Start up and Shutdown Waveforms
Vout
DC
coupling
I
L
DC
coupling
ENA
DC
coupling
Vsw
DC
coupling
I
L
DC
coupling
Stable Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com