Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 25Page - Microchip Technology PIC18F2221 Datasheet HTML 26Page - Microchip Technology PIC18F2221 Datasheet HTML 27Page - Microchip Technology PIC18F2221 Datasheet HTML 28Page - Microchip Technology PIC18F2221 Datasheet HTML 29Page - Microchip Technology PIC18F2221 Datasheet HTML 30Page - Microchip Technology PIC18F2221 Datasheet HTML 31Page - Microchip Technology PIC18F2221 Datasheet HTML 32Page - Microchip Technology PIC18F2221 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 29
PIC18F2221/2321/4221/4321 FAMILY
3.0
OSCILLATOR
CONFIGURATIONS
3.1
Oscillator Types
The PIC18F2221/2321/4221/4321 family of devices
can be operated in ten different oscillator modes. The
user can program the Configuration bits, FOSC<3:0>,
in Configuration Register 1H to select one of these ten
modes:
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
HSPLL High-Speed Crystal/Resonator
with PLL enabled
5.
RC
External Resistor/Capacitor with
FOSC/4 output on RA6
6.
RCIO
External Resistor/Capacitor with I/O
on RA6
7.
INTIO1 Internal Oscillator with FOSC/4 output
on RA6 and I/O on RA7
8.
INTIO2 Internal Oscillator with I/O on RA6
and RA7
9.
EC
External Clock with FOSC/4 output
10. ECIO
External Clock with I/O on RA6
3.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS or HSPLL Oscillator modes, a crystal or
ceramic resonator is connected to the OSC1 and
OSC2 pins to establish oscillation. Figure 3-1 shows
the pin connections.
The oscillator design requires the use of a parallel cut
crystal.
FIGURE 3-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(XT, LP, HS OR HSPLL
CONFIGURATION)
TABLE 3-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a
frequency out of the crystal manufacturer’s
specifications.
Typical Capacitor Values Used:
Mode
Freq
OSC1
OSC2
XT
3.58 MHz
22 pF
22 pF
Capacitor values are for design guidance only.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application. Refer
to the following application notes for oscillator specific
information:
• AN588, “PIC® Microcontroller Oscillator Design
Guide”
• AN826, “Crystal Oscillator Basics and Crystal
Selection for rfPIC® and PIC® Devices”
• AN849, “Basic PIC® Oscillator Design”
• AN943, “Practical PIC® Oscillator Analysis and
Design”
• AN949, “Making Your Oscillator Work”
See the notes following Table 3-2 for additional
information.
Note:
When using resonators with frequencies
above 3.5 MHz, the use of HS mode,
rather than XT mode, is recommended.
HS mode may be used at any VDD for
which the controller is rated. If HS is
selected, it is possible that the gain of the
oscillator will overdrive the resonator.
Therefore, a series resistor may be placed
between the OSC2 pin and the resonator.
As
a
good
starting
point,
the
recommended value of RS is 330
Ω.
Note 1: See Table 3-1 and Table 3-2 for initial values of
C1 and C2.
2: A series resistor (RS) may be required for AT
strip cut crystals.
3: RF varies with the oscillator mode chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To
Logic
PIC18FXXXX
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com