Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 62Page - Microchip Technology PIC18F2221 Datasheet HTML 63Page - Microchip Technology PIC18F2221 Datasheet HTML 64Page - Microchip Technology PIC18F2221 Datasheet HTML 65Page - Microchip Technology PIC18F2221 Datasheet HTML 66Page - Microchip Technology PIC18F2221 Datasheet HTML 67Page - Microchip Technology PIC18F2221 Datasheet HTML 68Page - Microchip Technology PIC18F2221 Datasheet HTML 69Page - Microchip Technology PIC18F2221 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 66
© 2009 Microchip Technology Inc.
FIGURE 6-5:
DATA MEMORY MAP FOR PIC18F2221/2321/4221/4321 FAMILY DEVICES
Bank 0
Bank 14
Bank 15
Data Memory Map
BSR<3:0>
= 0000
= 1111
080h
07Fh
F80h
FFFh
00h
7Fh
80h
FFh
Access Bank
When a = 0,
The BSR is ignored and the
Access Bank is used.
The first 128 bytes are
General Purpose RAM
(from Bank 0).
The second 128 bytes are
Special Function Registers
(from Bank 15).
When a = 1,
The BSR specifies the Bank
used by the instruction.
F7Fh
F00h
EFFh
0FFh
000h
Access RAM
FFh
00h
FFh
00h
GPR
SFR
Unused
Access RAM High
Access RAM Low
Bank 2
to
Unused
Read ‘00h’
= 1110
= 0010
(SFRs)
Bank 1
= 0001
100h
1FFh
GPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com