Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 80Page - Microchip Technology PIC18F2221 Datasheet HTML 81Page - Microchip Technology PIC18F2221 Datasheet HTML 82Page - Microchip Technology PIC18F2221 Datasheet HTML 83Page - Microchip Technology PIC18F2221 Datasheet HTML 84Page - Microchip Technology PIC18F2221 Datasheet HTML 85Page - Microchip Technology PIC18F2221 Datasheet HTML 86Page - Microchip Technology PIC18F2221 Datasheet HTML 87Page - Microchip Technology PIC18F2221 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 84
© 2009 Microchip Technology Inc.
7.4
Erasing Flash Program Memory
The minimum erase block is 32 words or 64 bytes. Only
through the use of an external programmer, or through
ICSP control, can larger blocks of program memory be
bulk erased. Word erase in the Flash array is not
supported.
When initiating an erase sequence from the micro-
controller itself, a block of 64 bytes of program memory
is erased. The Most Significant 16 bits of the
TBLPTR<21:6> point to the block being erased.
TBLPTR<5:0> are ignored.
The EECON1 register commands the erase operation.
The EEPGD bit must be set to point to the Flash
program memory. The WREN bit must be set to enable
write operations. The FREE bit is set to select an erase
operation.
For protection, the write initiate sequence for EECON2
must be used.
A long write is necessary for erasing the internal Flash.
Instruction execution is halted while in a long write
cycle. The long write will be terminated by the internal
programming timer.
7.4.1
FLASH PROGRAM MEMORY
ERASE SEQUENCE
The sequence of events for erasing a block of internal
program memory location is:
1.
Load Table Pointer register with address of row
being erased.
2.
Set the EECON1 register for the erase operation:
• set EEPGD bit to point to program memory;
• clear the CFGS bit to access program memory;
• set WREN bit to enable writes;
• set FREE bit to enable the erase.
3.
Disable interrupts.
4.
Write 55h to EECON2.
5.
Write 0AAh to EECON2.
6.
Set the WR bit. This will begin the row erase
cycle.
7.
The CPU will stall for duration of the erase
(about 2 ms using internal timer).
8.
Re-enable interrupts.
EXAMPLE 7-2:
ERASING A FLASH PROGRAM MEMORY ROW
MOVLW
CODE_ADDR_UPPER
; load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory block
MOVLW
CODE_ADDR_HIGH
MOVWF
TBLPTRH
MOVLW
CODE_ADDR_LOW
MOVWF
TBLPTRL
ERASE_ROW
BSF
EECON1, EEPGD
; point to Flash program memory
BCF
EECON1, CFGS
; access Flash program memory
BSF
EECON1, WREN
; enable write to memory
BSF
EECON1, FREE
; enable Row Erase operation
BCF
INTCON, GIE
; disable interrupts
Required
MOVLW
55h
Sequence
MOVWF
EECON2
; write 55h
MOVLW
0AAh
MOVWF
EECON2
; write 0AAh
BSF
EECON1, WR
; start erase (CPU stall)
BSF
INTCON, GIE
; re-enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com