Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 6Page - Microchip Technology PIC18F2221 Datasheet HTML 7Page - Microchip Technology PIC18F2221 Datasheet HTML 8Page - Microchip Technology PIC18F2221 Datasheet HTML 9Page - Microchip Technology PIC18F2221 Datasheet HTML 10Page - Microchip Technology PIC18F2221 Datasheet HTML 11Page - Microchip Technology PIC18F2221 Datasheet HTML 12Page - Microchip Technology PIC18F2221 Datasheet HTML 13Page - Microchip Technology PIC18F2221 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 10
© 2009 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Enhanced Flash cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles – up to 100,000 for program memory and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 40 years.
• Self-Programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine,
located in the protected Boot Block at the top of
program memory, it becomes possible to create an
application that can update itself in the field.
• Extended Instruction Set: The PIC18F2221/
2321/4221/4321 family introduces an optional
extension to the PIC18 instruction set, which adds
8 new instructions and an Indexed Addressing
mode. This extension, enabled as a device con-
figuration option, has been specifically designed
to optimize re-entrant application code originally
developed in high-level languages, such as C.
• Enhanced CCP Module: In PWM mode, this
module provides 1, 2 or 4 modulated outputs for
controlling half-bridge and full-bridge drivers.
Other features include auto-shutdown, for
disabling PWM outputs on interrupt or other select
conditions and auto-restart, to reactivate outputs
once the condition has cleared.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the
LIN/J2602 bus protocol. Other enhancements
include automatic baud rate detection and a 16-bit
Baud Rate Generator for improved resolution.
When the microcontroller is using the internal
oscillator block, the EUSART provides stable
operation for applications that talk to the outside
world without using an external crystal (or its
accompanying power requirement).
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reducing code overhead.
• Extended Watchdog Timer (WDT): This
Enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 27.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Members
Devices in the PIC18F2221/2321/4221/4321 family are
available in 28-pin and 40/44-pin packages. Block
diagrams for the two groups are shown in Figure 1-1 and
Figure 1-2.
The devices are differentiated from each other in five
ways:
1.
Flash
program
memory
(4
Kbytes
for
PIC18F2221/4221 devices,
8 Kbytes
for
PIC18F2321/4321).
2.
A/D channels (10 for 28-pin devices, 13 for
40/44-pin devices).
3.
I/O ports (3 bidirectional ports on 28-pin devices,
5 bidirectional ports on 40/44-pin devices).
4.
CCP and Enhanced CCP implementation
(28-pin devices have 2 standard CCP
modules, 40/44-pin devices have one standard
CCP module and one ECCP module).
5.
Parallel Slave Port (present only on 40/44-pin
devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
Like all Microchip PIC18 devices, members of the
PIC18F2221/2321/4221/4321 family are available as
both standard and low-voltage devices. Standard
devices with Enhanced Flash memory, designated with
an “F” in the part number (such as PIC18F2321),
accommodate an operating VDD range of 4.2V to 5.5V.
Low-voltage parts, designated by “LF” (such as
PIC18LF2321), function over an extended VDD range
of 2.0V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com