Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 82Page - Microchip Technology PIC18F2221 Datasheet HTML 83Page - Microchip Technology PIC18F2221 Datasheet HTML 84Page - Microchip Technology PIC18F2221 Datasheet HTML 85Page - Microchip Technology PIC18F2221 Datasheet HTML 86Page - Microchip Technology PIC18F2221 Datasheet HTML 87Page - Microchip Technology PIC18F2221 Datasheet HTML 88Page - Microchip Technology PIC18F2221 Datasheet HTML 89Page - Microchip Technology PIC18F2221 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 86
© 2009 Microchip Technology Inc.
EXAMPLE 7-3:
WRITING TO FLASH PROGRAM MEMORY
MOVLW
D'64'
; number of bytes in erase block
MOVWF
COUNTER
MOVLW
BUFFER_ADDR_HIGH
; point to buffer
MOVWF
FSR0H
MOVLW
BUFFER_ADDR_LOW
MOVWF
FSR0L
MOVLW
CODE_ADDR_UPPER
; Load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory block
MOVLW
CODE_ADDR_HIGH
MOVWF
TBLPTRH
MOVLW
CODE_ADDR_LOW
; 6 LSB = 0
MOVWF
TBLPTRL
READ_BLOCK
TBLRD*+
; read into TABLAT, and inc
MOVF
TABLAT, W
; get data
MOVWF
POSTINC0
; store data and increment FSR0
DECFSZ COUNTER
; done?
BRA
READ_BLOCK
; repeat
MODIFY_WORD
MOVLW
DATA_ADDR_HIGH
; point to buffer
MOVWF
FSR0H
MOVLW
DATA_ADDR_LOW
MOVWF
FSR0L
MOVLW
NEW_DATA_LOW
; update buffer word and increment FSR0
MOVWF
POSTINC0
MOVLW
NEW_DATA_HIGH
; update buffer word
MOVWF
INDF0
ERASE_BLOCK
MOVLW
CODE_ADDR_UPPER
; load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory block
MOVLW
CODE_ADDR_HIGH
MOVWF
TBLPTRH
MOVLW
CODE_ADDR_LOW
; 6 LSB = 0
MOVWF
TBLPTRL
BCF
EECON1, CFGS
; point to PROG/EEPROM memory
BSF
EECON1, EEPGD
; point to Flash program memory
BSF
EECON1, WREN
; enable write to memory
BSF
EECON1, FREE
; enable Row Erase operation
BCF
INTCON, GIE
; disable interrupts
MOVLW
55h
; Required sequence
MOVWF
EECON2
; write 55h
MOVLW
0AAh
MOVWF
EECON2
; write AAh
BSF
EECON1, WR
; start erase (CPU stall)
NOP
BSF
INTCON, GIE
; re-enable interrupts
WRITE_BUFFER_BACK
MOVLW
8
; number of write buffer groups of 8 bytes
MOVWF
COUNTER_HI
MOVLW
BUFFER_ADDR_HIGH
; point to buffer
MOVWF
FSR0H
MOVLW
BUFFER_ADDR_LOW
MOVWF
FSR0L
PROGRAM_LOOP
MOVLW
8
; number of bytes in holding register
MOVWF
COUNTER
WRITE_WORD_TO_HREGS
MOVF
POSTINC0, W
; get low byte of buffer data and increment FSR0
MOVWF
TABLAT
; present data to table latch
TBLWT+*
; short write
; to internal TBLWT holding register, increment
; TBLPTR
DECFSZ COUNTER
; loop until buffers are full
GOTO
WRITE_WORD_TO_HREGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com