Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 34Page - Microchip Technology PIC18F2221 Datasheet HTML 35Page - Microchip Technology PIC18F2221 Datasheet HTML 36Page - Microchip Technology PIC18F2221 Datasheet HTML 37Page - Microchip Technology PIC18F2221 Datasheet HTML 38Page - Microchip Technology PIC18F2221 Datasheet HTML 39Page - Microchip Technology PIC18F2221 Datasheet HTML 40Page - Microchip Technology PIC18F2221 Datasheet HTML 41Page - Microchip Technology PIC18F2221 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 38
© 2009 Microchip Technology Inc.
3.8
Effects of Power-Managed Modes
on the Various Clock Sources
When PRI_IDLE mode is selected, the designated pri-
mary oscillator continues to run without interruption.
For all other power-managed modes, the oscillator
using the OSC1 pin is disabled. The OSC1 pin (and
OSC2 pin in Crystal Oscillator modes) will stop
oscillating.
In
secondary
clock
modes
(SEC_RUN
and
SEC_IDLE), the Timer1 oscillator is operating and
providing the device clock. The Timer1 oscillator may
also run in all power-managed modes if required to
clock Timer1 or Timer3.
In internal oscillator modes (RC_RUN and RC_IDLE),
the internal oscillator block provides the device clock
source. The 31 kHz INTRC output can be used directly
to provide the clock and may be enabled to support
various special features, regardless of the power-
managed mode (see Section 24.2 “Watchdog Timer
(WDT)”, Section 24.3 “Two-Speed Start-up” and
Section 24.4 “Fail-Safe Clock Monitor” for more
information). The INTOSC output at 8 MHz may be
used directly to clock the device or may be divided
down by the postscaler. The INTOSC output is disabled
if the clock is provided directly from the INTRC output.
The INTOSC output is also enabled for Two-Speed
Start-up at 1 MHz after a Reset.
If the Sleep mode is selected, all clock sources are
stopped. Since all the transistor switching currents
have been stopped, Sleep mode achieves the lowest
current consumption of the device (only leakage
currents).
Enabling any on-chip feature that will operate during
Sleep will increase the current consumed during Sleep.
The INTRC is required to support WDT operation. The
Timer1 oscillator may be operating to support a Real-
Time Clock. Other features may be operating that do
not require a device clock source (i.e., MSSP slave,
PSP, INTx pins and others). Peripherals that may add
significant
current
consumption
are
listed
in
Section 27.2 “DC Characteristics”.
3.9
Power-up Delays
Power-up delays are controlled by two or three timers,
so that no external Reset circuitry is required for most
applications. The delays ensure that the device is kept
in Reset until the device power supply is stable under
normal circumstances and the primary clock is operat-
ing and stable. For additional information on power-up
delays, see Section 5.5 “Device Reset Timers”.
The first timer is the Power-up Timer (PWRT) which
provides a fixed delay on power-up (parameter 33,
Table 27-10). It is enabled by clearing (= 0) the
PWRTEN Configuration bit (CONFIG2L<0>).
3.9.1
DELAYS FOR POWER-UP AND
RETURN TO PRIMARY CLOCK
The second timer is the Oscillator Start-up Timer
(OST), intended to delay execution until the crystal
oscillator is stable (LP, XT and HS modes). The OST
does this by counting 1024 oscillator cycles before
allowing the oscillator to clock the device.
When the HSPLL Oscillator mode is selected, a third
timer delays execution for an additional 2 ms following
the HS mode OST delay, so the PLL can lock to the
incoming clock frequency. At the end of these delays,
the OSTS bit (OSCCON<3>) is set.
There is a delay of interval TCSD (parameter 38,
Table 27-10), once execution is allowed to start, when
the controller becomes ready to execute instructions.
This delay runs concurrently with any other delays.
This may be the only delay that occurs when any of the
EC, RC or INTIO modes are used as the primary clock
source.
TABLE 3-3:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
OSC Mode
OSC1 Pin
OSC2 Pin
RC, INTIO1
Floating, external resistor pulls high
At logic low (clock/4 output)
RCIO
Floating, external resistor pulls high
Configured as PORTA, bit 6
INTIO2
Configured as PORTA, bit 7
Configured as PORTA, bit 6
ECIO
Floating, driven by external clock
Configured as PORTA, bit 6
EC
Floating, driven by external clock
At logic low (clock/4 output)
LP, XT and HS
Feedback inverter disabled at quiescent
voltage level
Feedback inverter disabled at quiescent
voltage level
Note:
See Table 5-2 in Section 5.0 “Reset” for time-outs due to Sleep and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com