Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F2221 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC18F2221
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 83Page - Microchip Technology PIC18F2221 Datasheet HTML 84Page - Microchip Technology PIC18F2221 Datasheet HTML 85Page - Microchip Technology PIC18F2221 Datasheet HTML 86Page - Microchip Technology PIC18F2221 Datasheet HTML 87Page - Microchip Technology PIC18F2221 Datasheet HTML 88Page - Microchip Technology PIC18F2221 Datasheet HTML 89Page - Microchip Technology PIC18F2221 Datasheet HTML 90Page - Microchip Technology PIC18F2221 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 87
PIC18F2221/2321/4221/4321 FAMILY
EXAMPLE 7-3:
WRITING TO FLASH PROGRAM MEMORY (CONTINUED)
7.5.2
WRITE VERIFY
Depending on the application, good programming
practice may dictate that the value written to the
memory should be verified against the original value.
This should be used in applications where excessive
writes can stress bits near the specification limit.
7.5.3
UNEXPECTED TERMINATION OF
WRITE OPERATION
If a write is terminated by an unplanned event, such as
loss of power or an unexpected Reset, the memory
location just programmed should be verified and repro-
grammed if needed. If the write operation is interrupted
by a MCLR Reset or a WDT Time-out Reset during
normal operation, the user can check the WRERR bit
and rewrite the location(s) as needed.
7.5.4
PROTECTION AGAINST
SPURIOUS WRITES
To protect against spurious writes to Flash program
memory, the write initiate sequence must also be
followed. See Section 24.0 “Special Features of the
CPU” for more detail.
7.6
Flash Program Operation During
Code Protection
See Section 24.5 “Program Verification and Code
Protection” for details on code protection of Flash
program memory.
TABLE 7-2:
REGISTERS ASSOCIATED WITH PROGRAM FLASH MEMORY
PROGRAM_MEMORY
BCF
INTCON, GIE
; disable interrupts
MOVLW
55h
; required sequence
MOVWF
EECON2
; write 55h
MOVLW
0AAh
MOVWF
EECON2
; write AAh
BSF
EECON1, WR
; start program (CPU stall)
NOP
BSF
INTCON, GIE
; re-enable interrupts
DECFSZ COUNTER_HI
; loop until done
GOTO
PROGRAM_LOOP
BCF
EECON1, WREN
; disable write to memory
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Valueson
page
TBLPTRU
—
—
bit 21 Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
55
TBPLTRH Program Memory Table Pointer High Byte (TBLPTR<15:8>)
55
TBLPTRL Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
55
TABLAT
Program Memory Table Latch
55
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
EECON2
EEPROM Control Register 2 (not a physical register)
57
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
57
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
58
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
58
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
58
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com