Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
ST7632
Ver 1.7
32/96
2006/08/15
7.10 Liquid Crystal Driver Power Circuit
The Power Supply circuits generate the voltage levels necessary to drive liquid crystal driver circuits with low power
consumption and the fewest components. There are voltage converter circuits, voltage regulator circuits, and voltage
follower circuits. They are controlled by power control instruction. For details, refers to "Instruction Description". Table
7.10.1 shows the referenced combinations in using Power Supply circuits.
Table 7.10.1 Recommended Power Supply Combinations
User setup
Power
control
(VC VR VF)
V/C
circuits
V/R
circuits
V/F
circuits
VOUT
V0
V1 to V4
Only the internal power
supply circuits are used
1 1 1
ON
ON
ON
Open
Open
Open
Only the voltage
regulator circuits and
voltage follower circuits
are used
0 1 1
OFF
ON
ON
External
input
Open
Open
Only the voltage follower
circuits are used
0 0 1
OFF
OFF
ON
Open
External
input
Open
Only the external power
supply circuits are used
0 0 0
OFF
OFF
OFF
Open
External
input
External
input
7.10.1 Voltage Converter Circuits
These circuits boost up the electric potential between VDD2 and Vss to 2, 3, 4, 5, 6, 7 or 8 times toward positive side and
booster voltage is outputted from VOUOUT pin. It is possible to select the lower boosting level in any boosting circuit by
“ANASET” instruction.
7.10.2 Voltage Regulator Circuits
SET VOP (SETVOP)
The set VOP function is used to program the optimum LCD supply voltage V0.
SETVOP
For example when Vop[8:0] is 257DEC = 13.88V.
The VOP value is programmed via the Vop[8:0] register.
V0=a+( Vop[8:6]Vop[5:0]).b
Ex:Vop[5:0]=000001, Vop[8:6]=100
→ Vop [8:0]=100000001
→ 3.6+257x0.04=13.88
l
a is a fixed constant value (see table 7.10.2).
l
b is a fixed constant value (see table 7.10.2).
l
Vop[8:0] is the programmed VOP value. The programming range for Vop[8:0] is 4 to 410 (05 to 19A hex).
l
VOP[5:0] is the set contrast value which can be set via the interface and is in two
’s complement format.(See
command VOLUP & VOLDOWN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com