Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
ST7632
Ver 1.7
37/96
2006/08/15
8. COMMANDS
Ext=0
Command
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Hex Parameter Index
DISON
0
1
0
1
0
1
0
1
1
1
1
Display On
AF
None
1
DISOFF
0
1
0
1
0
1
0
1
1
1
0
Display Off
AE
None
2
DISNOR
0
1
0
1
0
1
0
0
1
1
0
Normal Display
A6
None
3
DISINV
0
1
0
1
0
1
0
0
1
1
1
Inverse Display
A7
None
4
COMSCN
0
1
0
1
0
1
1
1
0
1
1
Com Scan Direc.
BB
1 byte
5
DISCTR
0
1
0
1
1
0
0
1
0
1
0
Display Control
CA
3 byte
6
SLPIN
0
1
0
1
0
0
1
0
1
0
1
Sleep In
95
None
7
SLPOUT
0
1
0
1
0
0
1
0
1
0
0
Sleep Out
94
None
8
PASET
0
1
0
0
1
1
1
0
1
0
1
Page Addr. Set
75
2 byte
9
CASET
0
1
0
0
0
0
1
0
1
0
1
Column Addr. Set
15
2 byte
10
DATCTL
0
1
0
1
0
1
1
1
1
0
0
Data Scan Direction
BC
3 byte
11
RGBSET8
0
1
0
1
1
0
0
1
1
1
0
256-color position set
CE
20 byte
12
RAMWR
0
1
0
0
1
0
1
1
1
0
0
Writing to Memory
5C
Data
13
RAMRD
0
1
0
0
1
0
1
1
1
0
1
Reading from Memory
5D
Data
14
PLTIN
0
1
0
1
0
1
0
1
0
0
0
Partial display in
A8
2 byte
15
PLTOUT
0
1
0
1
0
1
0
1
0
0
1
Partial display out
A9
None
16
RMWIN
0
1
0
1
1
1
0
0
0
0
0
Read and Modify Write
E0
None
17
RMWOUT
0
1
0
1
1
1
0
1
1
1
0
RMW end
EE
None
18
ASCSET
0
1
0
1
0
1
0
1
0
1
0
Area Scroll Set
AA
4 byte
19
SCSTART
0
1
0
1
0
1
0
1
0
1
1
Scroll Start Set
AB
1 byte
20
OSCON
0
1
0
1
1
0
1
0
0
0
1
Internal OSC on
D1
None
21
OSCOFF
0
1
0
1
1
0
1
0
0
1
0
Internal OSC off
D2
None
22
PWRCTL
0
1
0
0
0
1
0
0
0
0
0
Power Control
20
1 byte
23
VOLCTR
0
1
0
1
0
0
0
0
0
0
1
EC control
81
2 byte
24
VOLUP
0
1
0
1
1
0
1
0
1
1
0
EC increase 1
D6
None
25
VOLDOWN
0
1
0
1
1
0
1
0
1
1
1
EC decrease 1
D7
None
26
RESERVED
0
1
0
1
0
0
0
0
0
1
0
Not Use
82
27
EPSRRD1
0
1
0
0
1
1
1
1
1
0
0
READ Register1
7C
None
28
EPSRRD2
0
1
0
0
1
1
1
1
1
0
1
READ Register2
7D
None
29
NOP
0
1
0
0
0
1
0
0
1
0
1
NOP Instruction
25
None
30
STREAD
0
0
1
Status Read
Status Read
31
MRW Set
0
1
0
0
0
0
0
0
0
0
1
Memory R/W Register Set
01
1 byte
32
CVV
0
1
0
0
0
0
0
0
1
0
0
Control Vout-V0
04
1 byte
33
CATR
0
1
0
0
0
0
0
0
1
1
0
Close Autoread
06
1 byte
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com