Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 73 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 73 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
ST7632
Ver 1.7
73/96
2006/08/15
10. HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
11. DC CHARACTERISTICS
VDD = 2.6 V to 3.3V; VSS= 0 V; VLCD = 4.0 to 18.0V; Tamb = -30℃ to +85℃; unless otherwise specified.
Rating
Item
Symbol Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Operating Voltage (1)
VDD1
2.0
3.3(+10%
Range)
V
VSS *1
Operating Voltage (2)
VDD2
(Relative to VSS)
2.6
3.3
V
VSS2
High-level Input Voltage
VIHC
0.8 x VDD
VDD
V
*2
Low-level Input Voltage
VILC
VSS
0.2 x VDD V
*2
High-level Output Voltage
VOHC
0.8 x VDD
VDD
V
*3
Low-level Output Voltage
VOLC
VSS
0.2 x VDD V
*3
Input leakage current
ILI
VIN = VDD or VSS
–1.0
1.0
μA
*4
Output leakage current
ILO
VIN = VDD or VSS
–3.0
3.0
μA
*5
VOUTIN =
15.0 V
2.0
3.5
Liquid Crystal Driver ON
Resistance
RON
Ta =
25
°C
(Relative
To VSS)
VOUTIN = 8.0
V
3.2
5.4
SEGn
COMn *6
Internal Oscillator fOSC
10.2
--
10.3
kHz
*7
Oscillator
Frequency
Frame frequency fFRAME
1/132 duty
Ta = 25
°C
31 PWM
73.2
77
80.9
Hz
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable Pin
Input voltage
VDD
(Relative To VSS)
2.0
3.3(+10%
Range)
V
Supply Step-up output
voltage Circuit
VOUOUT
(Relative To VSS)
18
V
VOUOUT
Voltage regulator
Circuit Operating
Voltage
VOUTIN
(Relative To VSS)
18
V
VOUTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com