Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 42 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 42 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
ST7632
Ver 1.7
42/96
2006/08/15
(9) Page address set (PASET) Command: 1; Parameter: 2 (75H)
When MPU makes access to the display data RAM, this command and succeeding parameters are used to specify the
page address area. As the addresses are incremented from the start to the end page in the page-direction scan, the
column address is incremented by 1 and the page address is returned to the start page. Note that the start and end page
must be specified as a pair. Also, the relation
“start page <end page” must be maintained.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
1
1
1
0
1
0
1
Parameter1(P1)
1
1
0
P17
P16
P15
P14
P13
P12
P11
P10
Start page
Parameter2(P2)
1
1
0
P27
P26
P25
P24
P23
P22
P21
P20
End page
(10) Column address set (CASET) Command: 1; Parameter: 2 (15H)
When MPU makes access to the display data RAM, this command and succeeding parameters are used to specify the
column address area. As the addresses are incremented from the start to the end column in the column-direction scan, the
page address is incremented by 1 and the column address is returned to the start column. Note that the start and end page
must be specified as a pair. Also, the relation
“start column <end column” must be maintained.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
0
0
1
0
1
0
1
Parameter1(P1)
1
1
0
P17
P16
P15
P14
P13
P12
P11
P10
Start address
Parameter2(P2)
1
1
0
P27
P26
P25
P24
P23
P22
P21
P20
End address
(11) Data control (DATCTL) Command: 1;Parameter: 3 (BCH)
This command and succeeding parameters are used to perform various setups needed when MPU operates display data
stored on the built-in RAM.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
1
0
1
1
1
1
0
0
Parameter1(P1)
1
1
0
*
*
*
*
*
P12
P11
P10
Normal/Reverse display of
page address and
page-address scan direction.
Parameter2(P2)
1
1
0
*
*
*
*
*
*
*
P20
RGB arrangement
Parameter3(P3)
1
1
0
*
*
P35
P34
P33
P32
P31
P30
Gray-scale setup
P1: It is used to specify the normal or inverse display of the page address and also to specify the page address scanning
direction.
P10: Normal/Reverse display of the page address. P10=0: Normal and P10=1: Reverse
P11: Normal/Reverse turn of column address. P11=0: Normal rotation and P11=1: Reverse rotation.
P12: Address-scan direction. P12=0: In the column direction and P12=1: In the page direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com