Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 61 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 61 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
ST7632
Ver 1.7
61/96
2006/08/15
The default value of Blue level set
GRN1SET
GRN2SET
GRN3SET
GRN4SET
FRAM1
FRAM2
FRAM3
FRAME4
blue level0
00
00
00
00
blue level1
03
03
03
03
blue level2
06
06
06
06
blue level3
08
08
08
09
blue level4
0B
0B
0B
0C
blue level5
0E
0E
0E
0D
blue level6
10
11
10
11
blue level7
12
13
12
13
blue level8
14
15
14
15
blue level9
17
17
17
16
blue level10
19
19
19
18
blue level11
1A
1B
1A
1B
blue level12
1C
1C
1C
1B
blue level13
1D
1D
1D
1E
blue level14
1E
1E
1E
1F
blue level15
1F
1F
1F
1F
(13) ANASET Command 1; Parameter: 4 (32H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
0
1
1
0
0
1
0
Parameter1(P1)
1
1
0
*
*
*
*
*
P12
P11
P10 OSC frequency Adjustment
Parameter2(P2)
1
1
0
*
*
*
*
*
*
P21
P20 Booster Efficiency Set
Parameter3(P3)
1
1
0
*
*
*
*
*
P32
P31
P30 Booster setting
Parameter4(P4)
1
1
0
*
*
*
*
*
P42
P41
P40 Bias setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com