Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7632 Datasheet(PDF) 66 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 66 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
ST7632
Ver 1.7
66/96
2006/08/15
Initializing with the Built-in Power Supply Circuits
User System Setup by External Pins
Start of Initialization
Power ON(VDD-VSS) Keeping the /RES Pin="L"
Waiting for Stabilizing the Power
/RES Pin="H"
User Application Setup by Internal Instructions
[Display Duty Select]
[Osc on]
[Sleep out]
End of Initialization
User LCD Power Setup by Internal Instructions
[Electronic volume set]
[DC-DC Step-up Register Select]
[Regulator Resistor]
[LCD Bias Register Select]
[Page and Column Set]
Initial Function set
Command 06H---(1)
Parameter 41H----(1)
Command 01H---(2)
Parameter F0H----(2)
Command 04H---(3)
Parameter 06H----(3)
Display on
Load EE Flow
Command 06H Parameter 41H
Command 07H Parameter 1BH
Command 31H
Command CDH Parameter 0FH
DELAY 100ms
Command FDH
DELAY 50ms
Command CCH
Command 30H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com