Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 117 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 117 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 113Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 114Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 115Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 116Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 117Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 118Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 119Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 120Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 128 page
background image
PSD8XXFX
Package mechanical
Doc ID 7833 Rev 7
117/128
Figure 50.
PQFP52 - 52-pin plastic quad flat package mechanical drawing
1.
Drawing is not to scale.
Table 72.
PQFP52 - 52-pin plastic quad flat package mechanical dimensions
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
2.350
0.0930
A1
0.250
0.0100
A2
2.000
1.800
2.100
0.0790
0.0770
0.0830
b
0.220
0.380
0.0090
0.0150
c
0.110
0.230
0.0040
0.0090
D
13.200
13.150
13.250
0.5200
0.5180
0.5220
D1
10.000
9.950
10.050
0.3940
0.3920
0.3960
D2
7.800
–
–
0.3070
–
–
E
13.200
13.150
13.250
0.5200
0.5180
0.5220
E1
10.000
9.950
10.050
0.3940
0.3920
0.3960
E2
7.800
–
–
0.3070
–
–
e
0.650
–
–
0.0260
L
0.880
0.730
1.030
0.0350
0.0290
0.0410
L1
1.600
–
–
0.0630
α
0°
7°
0°
7°
N52
52
Nd
13
13
Ne
13
13
CP
0.100
0.0040
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com