Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSD813F3A-90MIT Datasheet(PDF) 118 Page - STMicroelectronics

Part # PSD813F3A-90MIT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F3A-90MIT Datasheet(HTML) 118 Page - STMicroelectronics

Back Button PSD813F3A-90MIT Datasheet HTML 114Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 115Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 116Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 117Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 118Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 119Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 120Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 121Page - STMicroelectronics PSD813F3A-90MIT Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
Package mechanical
PSD8XXFX
118/128
Doc ID 7833 Rev 7
Figure 51.
PLCC52 - 52-lead plastic lead chip carrier package mechanical drawing
1.
Drawing is not to scale.
Table 73.
PLCC52-52-lead plastic lead chip carrier mechanical dimensions
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
4.190
4.570
0.1650
0.1800
A1
2.540
2.790
0.1000
0.1100
A2
–
0.910
–
0.0360
B
0.330
0.530
0.0130
0.0210
B1
0.660
0.810
0.0260
0.0320
C
0.2460
0.2610
0.0097
0.0103
D
19.940
20.190
0.7850
0.7950
D1
19.050
19.150
0.7500
0.7540
D2
17.530
18.540
0.6900
0.7300
E
19.940
20.190
0.7850
0.7950
E1
19.050
19.150
0.7500
0.7540
E2
17.530
18.540
0.6900
0.7300
e
1.270
–
–
0.050
–
–
R
0.890
–
–
0.035
–
–
N52
52
Nd
13
13
Ne
13
13
PLCC-B
D
E1 E
1 N
D1
CP
b
D2/E2
e
b1
A1
A
A2
D3/E3
M
L1
L
C
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com