Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6460 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 79Page - STMicroelectronics L6460 Datasheet HTML 80Page - STMicroelectronics L6460 Datasheet HTML 81Page - STMicroelectronics L6460 Datasheet HTML 82Page - STMicroelectronics L6460 Datasheet HTML 83Page - STMicroelectronics L6460 Datasheet HTML 84Page - STMicroelectronics L6460 Datasheet HTML 85Page - STMicroelectronics L6460 Datasheet HTML 86Page - STMicroelectronics L6460 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 139 page
background image
L6460
AD converter
Doc ID 17713 Rev 1
83/139
A conversion on channel 1 can be triggered by writing a logic ‘1’ in the A2DTrig1 bit in the
A2DConfigX register and a conversion on channel 2 can be triggered writing a logic ‘1’ in the
A2DTrig2 bit in the same register. While a request on a channel is pending but not yet
completed L6460 will force to logic ‘0’ the corresponding A2DdoneX bit in the A2DResultX
registers and L6460 will not accept other conversion request on that channel.
Continuous conversion on one channel can be accomplished by setting to logic ‘1’ the
A2DcontinuousX bit in the A2DConfigX register. When A2DcontinuousX bit is set, other
conversions can be accomplished on the other channel; these conversions will be inserted
between two conversions of the other channel and the end of the conversion will be signaled
using A2DdoneX bit. Of course when a channel is in continuous mode its sample time and
channel address cannot be changed.
Continuous conversions on both 2 channels can be also accomplished by setting to logic ‘1’
the A2Dcontinuous1 and A2Dcontinuous2 bits; the conversions are made in sequence.
Table 32.
ADC sample times when working as a 8-bit ADC
A2DSampleX[2:0] (binary)
Sample time
Typ
Unit
000
16*Tosc
µs
001
32*Tosc
µs
010
64*Tosc
µs
011
128*Tosc
µs
100
256*Tosc
µs
101
512*Tosc
µs
110
1024*Tosc
µs
111
2048*Tosc
µs
Table 33.
ADC sample time when working as a 9-bit ADC
A2DSampleX[2:0] (binary)
Sample time
Typ
Unit
000
32*Tosc
µs
001
64*Tosc
µs
010
128*Tosc
µs
011
256*Tosc
µs
100
512*Tosc
µs
101
1024*Tosc
µs
110
2048*Tosc
µs
111
4096*Tosc
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com