Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6460 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics L6460 Datasheet HTML 31Page - STMicroelectronics L6460 Datasheet HTML 32Page - STMicroelectronics L6460 Datasheet HTML 33Page - STMicroelectronics L6460 Datasheet HTML 34Page - STMicroelectronics L6460 Datasheet HTML 35Page - STMicroelectronics L6460 Datasheet HTML 36Page - STMicroelectronics L6460 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 139 page
background image
L6460
Supervisory system
Doc ID 17713 Rev 1
33/139
state. This stretch time can be selected by setting the ID[1:0] bits in the SampleID register
according to following table.
When nRST_int becomes active (logic level = “0”) it sets in their reset state some of the
functions inside L6460. The main functions that will be reset by nRST_int signal are the
following:
Serial interface will be reset and will not accept any other command.
The bridges 1 and 2 will place their outputs in high impedance and PWM and
direction signals will be reset.
AD converter will be powered off.
GPIOs will be powered off.
Current DAC will be powered off.
Operational amplifiers will be powered off.
Watchdog count will be reset (while Watchdog flags won’t be reset).
Interrupt controller will be powered off.
Digital comparator will be powered off.
Additionally the system regulators will be powered off but only if the voltage that caused the
nRST_int event is checked before the system regulator in the power up sequence. This
means that:
all system regulators will be powered off if nRST_int is caused by VSupply,
VSupplyInt, VPump (and also if V3v3 causes a POR);
no one of the system regulators will be powered off if nRST_int is caused by
VGPIO_SPI;
only the system regulators that follows the system regulator that caused the
nRST_int in power up sequence will be powered off.
Table 6.
Stretch time selection
ID[1]
ID[0]
Selected stretch time
Note
Typ
0
0
16ms
Default state
01
32ms
10
48ms
11
64ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com