Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6460 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 87Page - STMicroelectronics L6460 Datasheet HTML 88Page - STMicroelectronics L6460 Datasheet HTML 89Page - STMicroelectronics L6460 Datasheet HTML 90Page - STMicroelectronics L6460 Datasheet HTML 91Page - STMicroelectronics L6460 Datasheet HTML 92Page - STMicroelectronics L6460 Datasheet HTML 93Page - STMicroelectronics L6460 Datasheet HTML 94Page - STMicroelectronics L6460 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 139 page
background image
L6460
Interrupt controller
Doc ID 17713 Rev 1
91/139
20
Interrupt controller
L6460 contains one programmable interrupt controller that can be used to advice the
firmware, through the serial interface, when a certain event happens inside the IC. The
output of the interrupt circuit can be also redirected on a GPIO pin therefore the event can
be signaled directly to the external circuits.
Figure 28.
Interrupt controller diagram
The Table 36 contains the events that can be monitored by the interrupt controller.
Table 36.
Interrupt controller event
Event
Event description
Notes
Mtr1Fault
Bridge 1 fault (Ilimit event)
Mtr2Fault
Bridge 2 fault (Ilimit event)
Mtr3Fault
Bridge 3 fault (Ilimit event)
Mtr4Fault
Bridge 4 fault (Ilimit event)
nAWAKE
nAWAKE pin low
SwRegCtrl Ilimit
Switching regulator controller Ilimit event.
VMainSW Ilimit
Main switching regulator Ilimit event.
LowPowSw 1
Low voltage power switch 1 Ilimit event.
LowPowSw 2
Low voltage power switch 2 Ilimit event
Warm
Warming event
Monitored signals
Enable signals
EnIntCtrl
Pulse
Generator
IntCtrlAutoDisable
EnIntCtrlPulse
DisableMonitor
Disable Pulse
Generation
logic
DisableSignals
To Gpio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com