| Electronic Components Datasheet Search |
|
L6460 Datasheet(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6460 Datasheet(HTML) 95 Page - STMicroelectronics |
|
95 / 139 page ![]() L6460 GPIO pins Doc ID 17713 Rev 1 95/139 22 GPIO pins Some of the pins of L6460 are indicated as GPIO (General purpose I/O). These pins can be configured to be used in different ways depending on customer application. All GPIOs can be used as digital input/output pins with digital value settable/readable using serial interface or as analog input pins that can be converted using the A2D system. Some of the pins can be used for special purposes: i.e. two of them can be used to access to the pass switch function, other two are used as feedback pins for the auxiliary synchronous switching regulators. All input Schmitt triggers and output circuitry used for start-up purposes are powered by the internally generated V3v3, while the digital output buffers are powered by VGPIO_SPI pin. To ensure independency between V3v3 and VGPIO_SPI the GPIOs output drivers are open-drain driver or the high side MOS is in back-to-back configuration to avoid the presence of the body diode between output and supply. All digital output signals can be inverted before being provided on the relative GPIO pins. Here below is reported the table with GPIO functions. Table 39. GPIO functions description Pin Name Function(1) Notes Input Output Special Analog Digital Analog Digital GPIO[0] - ADC input - SPI IN - SPI OUT - Interrupt ctrl. - AuxPwm1 - AuxPwm2 Start-up configuration pin Open drain output GPIO[1] - ADC input - Comp1 In- - Vaux1 F.B. - SPI IN - SPI OUT - Interrupt ctrl. - AuxPwm1 - AuxPwm2 Open drain output GPIO[2] - ADC input - Comp2 In- - Vaux2 F.B. - SPI IN - IN PWM - SPI OUT - Interrupt ctrl. - AuxPwm2 - AuxPwm3 Open drain output GPIO[3] - ADC input - SPI IN - SPI OUT - AuxPwm2 - AuxGpPwm3 Start-up configuration pin Open drain output GPIO[4] - ADC input - SPI IN - SPI OUT - Interrupt ctrl. - AuxPwm1 - AuxPwm3 Start-up configuration pin Open drain output GPIO[5] - ADC input - SPI IN - SPI OUT - Reg. loop 1 - Comp1 out - AuxPwm3 Slave Control Full driver BB powered by V3v3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |