Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 63 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 59Page - STMicroelectronics LRI1K Datasheet HTML 60Page - STMicroelectronics LRI1K Datasheet HTML 61Page - STMicroelectronics LRI1K Datasheet HTML 62Page - STMicroelectronics LRI1K Datasheet HTML 63Page - STMicroelectronics LRI1K Datasheet HTML 64Page - STMicroelectronics LRI1K Datasheet HTML 65Page - STMicroelectronics LRI1K Datasheet HTML 66Page - STMicroelectronics LRI1K Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
LRI1K
Commands codes
Doc ID 17170 Rev 3
63/86
20.14
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the LRI1K sends back the
block security statuses. The blocks are numbered from '00h’ to '1Fh' in the request. The
“Number of blocks” value corresponds to the number of blocks whose security statuses are
requested after the first block.
For example, if the “number of blocks” field contains the value 06h, the security statuses of 7
blocks will be output.
The address of the last block whose security status is requested must not exceed 1Fh. In
other words, “First block number” + “Number of blocks” must not exceed 1Fh. In request,
option flag must be set to 0.
Request parameters:
UID (Optional)
First block number
Number of blocks
Response parameters:
Block Locking Status (see Table 61: Block Locking status)
N block of data
Table 59.
Get Multiple Block Security Status request format
Request
SOF
Request_
flags
Get Multiple
Block
Security
Status
UID
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
2Ch
64 bits
8 bits
8 bits
16 bits
Table 60.
Get Multiple Block Security Status response format when Error_flag is
NOT set
Response SOF
Response_flags
Block Locking
Status
CRC16
Response EOF
8 bits
8 bits(1)
1.
Repeated as needed.
16 bits
Table 61.
Block Locking status
b7
b6
b5
b4
b3
b2
b1
b0
All 0
0: Current block not locked
1: Current block locked
Table 62.
Get Multiple Block Security Status response format when Error_flag is
set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com