Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 71 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 67Page - STMicroelectronics LRI1K Datasheet HTML 68Page - STMicroelectronics LRI1K Datasheet HTML 69Page - STMicroelectronics LRI1K Datasheet HTML 70Page - STMicroelectronics LRI1K Datasheet HTML 71Page - STMicroelectronics LRI1K Datasheet HTML 72Page - STMicroelectronics LRI1K Datasheet HTML 73Page - STMicroelectronics LRI1K Datasheet HTML 74Page - STMicroelectronics LRI1K Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
LRI1K
Commands codes
Doc ID 17170 Rev 3
71/86
20.19
Fast Inventory Initiated
Before receiving the Fast Inventory Initiated command, the LRI1K must have received an
Initiate or a Fast Initiate command in order to set the Initiate_ flag. If not, the LRI1K does not
answer to the Fast Inventory Initiated command.
On receiving the Fast Inventory Initiated request, the LRI1K runs the anticollision sequence.
The Inventory_flag must be set to 1. The Meaning of Flags 5 to 8 is shown in Table 13:
Request flags 5 to 8 when bit 3 = 1. The data rate of the response is multiplied by 2.
The request contains:
the flags,
the Inventory command code
the AFI option is not supported, AFI flag must be set to 0
the mask length
the mask value
the CRC
The LRI1K does not generate any answer if an error occurs.
The response contains:
The flags
the Unique ID
During an Inventory process, if the VCD does not receive an RF LRI1K response, it waits a
time t3 before sending an EOF to switch to the next slot. t3 starts from the rising edge of the
request EOF sent by the VCD.
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 µs) + tSOF
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3 µs) + tNRT
where:
tSOF is the time required by the LRI1K to transmit an SOF to the VCD
tNRT is the nominal response time of the LRI1K
tNRT and tSOF are dependent on the LRI1K-to-VCD data rate and subcarrier modulation
mode.
Table 76.
Fast Inventory Initiated request format
Request
SOF
Request
Flags
Fast
Inventory
Initiated
IC Mfg
Code
Optiona
l AFI
Mask
length
Mask value
CRC16
Request
EOF
8 bits
C1h
02h
8 bits
8 bits
0 - 64 bits
16 bits
Table 77.
Fast Inventory Initiated response format
Response SOF Response Flags
DSFID
UID
CRC16
Response EOF
8 bits
00h
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com