Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 72 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 68Page - STMicroelectronics LRI1K Datasheet HTML 69Page - STMicroelectronics LRI1K Datasheet HTML 70Page - STMicroelectronics LRI1K Datasheet HTML 71Page - STMicroelectronics LRI1K Datasheet HTML 72Page - STMicroelectronics LRI1K Datasheet HTML 73Page - STMicroelectronics LRI1K Datasheet HTML 74Page - STMicroelectronics LRI1K Datasheet HTML 75Page - STMicroelectronics LRI1K Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Commands codes
LRI1K
72/86
Doc ID 17170 Rev 3
20.20
Fast Initiate
On receiving the Fast Initiate command, the LRI1K sets the internal Initiate_flag and sends
back a response. The command has to be issued in the Non Addressed mode only
(Select_flag is reset to 0 and Address_flag is reset to 0). If an error occurs, the LRI1K does
not generate any answer. The Initiate_flag is reset after a power off of the LRI1K. The data
rate of the response is multiplied by 2.
The request contains:
No data
The response contains:
the flags
the Unique ID
Table 78.
Fast Initiate request format
Request SOF
Request Flags
Fast Initiate
IC Mfg code
CRC16
Request EOF
8 bits
C2h
02h
16 bits
Table 79.
Fast Initiate response format
Response
SOF
Response_
flags
DSFID
UID
CRC16
Response
EOF
8 bits
00h
64 bits
16 bits
Figure 57.
Fast Initiate frame exchange between VCD and LRI1K
VCD
SOF
Fast Initiate
request
EOF
LRI1K
<-t1-> SOF
Fast Initiate
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com