Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 73 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 69Page - STMicroelectronics LRI1K Datasheet HTML 70Page - STMicroelectronics LRI1K Datasheet HTML 71Page - STMicroelectronics LRI1K Datasheet HTML 72Page - STMicroelectronics LRI1K Datasheet HTML 73Page - STMicroelectronics LRI1K Datasheet HTML 74Page - STMicroelectronics LRI1K Datasheet HTML 75Page - STMicroelectronics LRI1K Datasheet HTML 76Page - STMicroelectronics LRI1K Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
LRI1K
Commands codes
Doc ID 17170 Rev 3
73/86
20.21
Fast Read Multiple Block
When receiving the Fast Read Multiple Block command, the LRI1K reads the selected
blocks and sends back their value in multiples of 32 bits in the response. The blocks are
numbered from '00h’ to '1Fh' in the request.
The “Number of blocks” value corresponds to the number of blocks to be read after the first
block. For example, if the “number of blocks” field contains the value 06h, 7 blocks will be
read. The maximum number of blocks that can be read is 32.
During Sequential Block Read, when the block address reaches 32, it rolls over to 0. The
Option_flag is supported. The data rate of the response is multiplied by 2.
Request parameters:
Option_flag
UID (Optional)
First block number
Number of blocks
Response parameters:
Block Locking Status if Option_flag is set
N block of data
Table 80.
Fast Read Multiple Block request format
Request
SOF
Request_
flags
Fast
Read
Multiple
Block
IC Mfg
code
UID
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
C3h
02h
64 bits
8 bits
8 bits
16 bits
Table 81.
Fast Read Multiple Block response format when Error_flag is NOT set
Response
SOF
Response_
flags
Block Locking
Status
Data
CRC16
Response
EOF
8 bits
8 bits(1)
1.
Repeated as needed.
32 bits(1)
16 bits
Table 82.
Block Locking status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
All 0
0: Current block not locked
1: Current block locked
Table 83.
Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com