Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 8Page - STMicroelectronics LRI1K Datasheet HTML 9Page - STMicroelectronics LRI1K Datasheet HTML 10Page - STMicroelectronics LRI1K Datasheet HTML 11Page - STMicroelectronics LRI1K Datasheet HTML 12Page - STMicroelectronics LRI1K Datasheet HTML 13Page - STMicroelectronics LRI1K Datasheet HTML 14Page - STMicroelectronics LRI1K Datasheet HTML 15Page - STMicroelectronics LRI1K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
Description
LRI1K
12/86
Doc ID 17170 Rev 3
1.2
Commands
The LRI1K supports the following commands:
Inventory, used to perform the anticollision sequence.
Stay Quiet, used to put the LRI1K in quiet mode, where it does not respond to any
inventory command.
Select, used to select the LRI1K. After this command, the LRI1K processes all
Read/Write commands with Select_flag set.
Reset To Ready, used to put the LRI1K in the ready state.
Read Block, used to output the 32 bits of the selected block and its locking status.
Write Block, used to write the 32-bit value in the selected block, provided that it is not
locked.
Lock Block, used to lock the selected block. After this command, the block cannot be
modified.
Read Multiple Blocks, used to read the selected blocks and send back their value.
Write AFI, used to write the 8-bit value in the AFI register.
Lock AFI, used to lock the AFI register.
Write DSFID, used to write the 8-bit value in the DSFID register.
Lock DSFID, used to lock the DSFID register.
Get System Info, used to provide the system information value
Get Multiple Block Security Status, used to send the security status of the selected
block.
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate
command.
Kill, used to definitively deactivate the tag.
Write Kill, used to write the 32-bit Kill code value
Lock Kill, used to lock the Kill Code register.
Fast Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Fast Inventory Initiated, used to perform the anticollision sequence triggered by the
Initiate command.
Fast Read Block, used to output the 32 bits of the selected block and its locking status.
Fast Read Multiple Blocks, used to read the selected blocks and send back their
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com