Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 46 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 42Page - STMicroelectronics LRI1K Datasheet HTML 43Page - STMicroelectronics LRI1K Datasheet HTML 44Page - STMicroelectronics LRI1K Datasheet HTML 45Page - STMicroelectronics LRI1K Datasheet HTML 46Page - STMicroelectronics LRI1K Datasheet HTML 47Page - STMicroelectronics LRI1K Datasheet HTML 48Page - STMicroelectronics LRI1K Datasheet HTML 49Page - STMicroelectronics LRI1K Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Timing definition
LRI1K
46/86
Doc ID 17170 Rev 3
19
Timing definition
19.1
t1: LRI1K response delay
Upon detection of the rising edge of the EOF received from the VCD, the LRI1K waits for a
time t1nom before transmitting its response to a VCD request or before switching to the next
slot during an inventory process. Values of t1 are given in Table 19. The EOF is defined in
Figure 10 on page 19.
19.2
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or
more LRI1K responses have been received during an Inventory command. It starts from the
reception of the EOF from the LRI1Ks.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the LRI1K.
t2 is also the time after which the VCD may send a new request to the LRI1K as described in
Table 36: LRI1K protocol timing.
Values of t2 are given in Table 19.
19.3
t3: VCD new request delay in the absence of a response from
the LRI1K
t3 is the time after which the VCD may send an EOF to switch to the next slot when no
LRI1K response has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the LRI1K.
From the time the VCD has generated the rising edge of an EOF:
If this EOF is 100% modulated, the VCD waits a time at least equal to t3min before
sending a new EOF.
If this EOF is 10% modulated, the VCD waits a time at least equal to the sum of t3min +
the LRI1K nominal response time (which depends on the LRI1K data rate and
subcarrier modulation mode) before sending a new EOF.
Table 19.
Timing values(1)
1.
The tolerance of specific timings is ± 32/fC.
Minimum (min) values
Nominal (nom) values
Maximum (max) values
t1
318.6 µs
320.9 µs
323.3 µs
t2
309.2 µs
No tnom
No tmax
t3
t1max
(2) + t
SOF
(3)
2.
t1max does not apply for write alike requests. Timing conditions for write alike requests are defined in the
command description.
3.
tSOF is the time taken by the LRI1K to transmit an SOF to the VCD. tSOF depends on the current data rate:
High data rate or Low data rate.
No tnom
No tmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com