Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRI1K Datasheet(PDF) 31 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 27Page - STMicroelectronics LRI1K Datasheet HTML 28Page - STMicroelectronics LRI1K Datasheet HTML 29Page - STMicroelectronics LRI1K Datasheet HTML 30Page - STMicroelectronics LRI1K Datasheet HTML 31Page - STMicroelectronics LRI1K Datasheet HTML 32Page - STMicroelectronics LRI1K Datasheet HTML 33Page - STMicroelectronics LRI1K Datasheet HTML 34Page - STMicroelectronics LRI1K Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
LRI1K
LRI1K protocol description
Doc ID 17170 Rev 3
31/86
10
LRI1K protocol description
The transmission protocol (or simply protocol) defines the mechanism used to exchange
instructions and data between the VCD and the LRI1K, in both directions. It is based on the
concept of "VCD talks first".
This means that an LRI1K will not start transmitting unless it has received and properly
decoded an instruction sent by the VCD. The protocol is based on an exchange of:
a request from the VCD to the LRI1K
a response from the LRI1K to the VCD
Each request and each response are contained in a frame. The frame delimiters (SOF,
EOF) are described in Section 6: LRI1K to VCD frames.
Each request consists of:
a request SOF (see Figure 8 and Figure 9)
flags
a command code
parameters, depending on the command
application data
a 2-byte CRC
a request EOF (see Figure 10)
Each response consists of:
an answer SOF (see Figure 23 to Figure 28)
flags
parameters, depending on the command
application data
a 2-byte CRC
an Answer EOF (see Figure 29 to Figure 34)
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight
(8), i.e. an integer number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is
transmitted least significant byte (LSByte) first, with each byte transmitted least significant
bit (LSBit) first.
The setting of the flags indicates the presence of the optional fields. When the flag is set (to
one), the field is present. When the flag is reset (to zero), the field is absent.
Table 7.
VCD request frame format
Request SOF Request Flags
Command
code
Parameters
Data
2 byte CRC
Request
EOF
Table 8.
LRI1K response frame format
Response
SOF
Response
Flags
Parameters
Data
2 byte CRC
Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com