Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB321D Datasheet(PDF) 1 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 1 Page - Analog Devices

  AT45DB321D_12 Datasheet HTML 1Page - Analog Devices AT45DB321D_12 Datasheet HTML 2Page - Analog Devices AT45DB321D_12 Datasheet HTML 3Page - Analog Devices AT45DB321D_12 Datasheet HTML 4Page - Analog Devices AT45DB321D_12 Datasheet HTML 5Page - Analog Devices AT45DB321D_12 Datasheet HTML 6Page - Analog Devices AT45DB321D_12 Datasheet HTML 7Page - Analog Devices AT45DB321D_12 Datasheet HTML 8Page - Analog Devices AT45DB321D_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
3597R–DFLASH–11/2012
Features
Single 2.5V - 3.6V or 2.7V - 3.6V supply
RapidSserial interface: 66MHz maximum clock frequency
SPI compatible modes 0 and 3
User configurable page size
512 bytes per page
528 bytes per page
Page size can be factory preconfigured for 512 bytes
Page program operation
Intelligent programming operation
8,192 pages (512/528 bytes/page) main memory
Flexible erase options
Page erase (512 bytes)
Block erase (4KB)
Sector erase (64KB)
Chip erase (32Mb)
Two SRAM data buffers (512/528 bytes)
Allows receiving data while reprogramming the flash array
Continuous read capability through entire array
Ideal for code shadowing applications
Low power dissipation
7mA active read current ,typical
25μA standby current, typical
15μA deep power down, typical
Hardware and software data protection features
Individual sector
Sector lockdown for secure code and data storage
Individual sector
Security: 128-byte security register
64-byte user programmable space
Unique 64-byte device identifier
JEDEC standard manufacturer and device ID read
100,000 program/erase cycles per page, minimum
Data retention: 20 years
Industrial temperature range
Green (Pb/halide-free/RoHS compliant) packaging options
AT45DB321D
32Mb, 2.5V or 2.7V
DataFlash
DATASHEET


Similar Part No. - AT45DB321D_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
8-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
2-megabit 2.7V Minimum DataFlash
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
64-megabit 2.7V Dual-interface DataFlash
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com