Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 242 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 242 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 238Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 239Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 240Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 241Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 242Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 243Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 244Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 245Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 242
Preliminary
 2009 Microchip Technology Inc.
REGISTER 19-26: CiTRmnCON: ECAN™ Tx/Rx BUFFER m CONTROL REGISTER
(m = 0,2,4,6; n = 1,3,5,7)
R/W-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
TXENn
TXABTn
TXLARBn
TXERRn
TXREQn
RTRENn
TXnPRI<1:0>
bit 15
bit 8
R/W-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
TXENm
TXABTm(1)
TXLARBm(1) TXERRm(1)
TXREQm
RTRENm
TXmPRI<1:0>
bit 7
bit 0
Legend:
C = Writable bit, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
See Definition for Bits 7-0, Controls Buffer n
bit 7
TXENm: TX/RX Buffer Selection bit
1
= Buffer TRBn is a transmit buffer
0
= Buffer TRBn is a receive buffer
bit 6
TXABTm: Message Aborted bit(1)
1
= Message was aborted
0
= Message completed transmission successfully
bit 5
TXLARBm: Message Lost Arbitration bit(1)
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 4
TXERRm: Error Detected During Transmission bit(1)
1
= A bus error occurred while the message was being sent
0
= A bus error did not occur while the message was being sent
bit 3
TXREQm: Message Send Request bit
1
= Requests that a message be sent. The bit automatically clears when the message is successfully
sent
0
= Clearing the bit to ‘0’ while set requests a message abort
bit 2
RTRENm: Auto-Remote Transmit Enable bit
1
= When a remote transmit is received, TXREQ will be set
0
= When a remote transmit is received, TXREQ will be unaffected
bit 1-0
TXmPRI<1:0>: Message Transmission Priority bits
11
= Highest message priority
10
= High intermediate message priority
01
= Low intermediate message priority
00
= Lowest message priority
Note 1: This bit is cleared when TXREQ is set.
Note:
The buffers, SID, EID, DLC, Data Field and Receive Status registers are located in DMA RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com