Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GP204TE/ML Datasheet(PDF) 243 Page - Microchip Technology

Part # DSPIC33FJ32GP204TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP204TE/ML Datasheet(HTML) 243 Page - Microchip Technology

Back Button DSPIC33FJ32GP204TE/ML Datasheet HTML 239Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 240Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 241Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 242Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 243Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 244Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 245Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 246Page - Microchip Technology DSPIC33FJ32GP204TE/ML Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 243
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
19.4
ECAN Message Buffers
ECAN Message Buffers are part of DMA RAM Memory.
They are not ECAN special function registers. The user
application must directly write into the DMA RAM area
that is configured for ECAN Message Buffers. The
location and size of the buffer area is defined by the
user application.
BUFFER 19-1:
ECAN™ MESSAGE BUFFER WORD 0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
SID10
SID9
SID8
SID7
SID6
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID5
SID4
SID3
SID2
SID1
SID0
SRR
IDE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-2
SID<10:0>: Standard Identifier bits
bit 1
SRR: Substitute Remote Request bit
1
= Message will request remote transmission
0
= Normal message
bit 0
IDE: Extended Identifier bit
1
= Message will transmit extended identifier
0
= Message will transmit standard identifier
BUFFER 19-2:
ECAN™ MESSAGE BUFFER WORD 1
U-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
—
EID17
EID16
EID15
EID14
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID13
EID12
EID11
EID10
EID9
EID8
EID7
EID6
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-0
EID<17:6>: Extended Identifier bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com