Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 7Page - Zilog, Inc. Z87200 Datasheet HTML 8Page - Zilog, Inc. Z87200 Datasheet HTML 9Page - Zilog, Inc. Z87200 Datasheet HTML 10Page - Zilog, Inc. Z87200 Datasheet HTML 11Page - Zilog, Inc. Z87200 Datasheet HTML 12Page - Zilog, Inc. Z87200 Datasheet HTML 13Page - Zilog, Inc. Z87200 Datasheet HTML 14Page - Zilog, Inc. Z87200 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Z87200
Zilog
Spread-Spectrum Transceiver
DS96WRL0400
4-11
4
A.C. CHARACTERISTICS - RECEIVER
Operating Conditions: VDD = 5.0V ±5%, VSS = 0V
TA = 0° to +70°C
Symbol
Parameter
Min
Max.
Units
Conditions
f
RXIFCLK
RXIFCLK Frequency
45.056
20.0
MHz
MHz
Z8720045FSC
Z8720020FSC
tCH
RXIFCLK Pulse
width, High
10
ns
tCL
RXIFCLK Pulse
width, Low
10
ns
tSU
RXIIN or RXQIN to
RXIFCLK setup
3ns
tHD
RXIIN or RXQIN to
RXIFCLK hold
7ns
tCR
RXIFCLK to
RXSPLPLS,
RXSYMPLS, or
/RXDRDY delay
35
ns
tCD
RXIFCLK to RXOUT,
RXIOUT, or
RXQOUT delay
35
ns
Notes:
1. The number of RXIFCLK cycles per cycle of RXSPLPLS is determined by the data stored in bits 5-0
of address 02H. It is shown as 2 in Figure 9, but can be set from 2 to 64.
2. The rising edge of /RXDRDY should be used to clock out the data (RXOUT, RXIOUT, or RXQOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com