Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 26Page - Zilog, Inc. Z87200 Datasheet HTML 27Page - Zilog, Inc. Z87200 Datasheet HTML 28Page - Zilog, Inc. Z87200 Datasheet HTML 29Page - Zilog, Inc. Z87200 Datasheet HTML 30Page - Zilog, Inc. Z87200 Datasheet HTML 31Page - Zilog, Inc. Z87200 Datasheet HTML 32Page - Zilog, Inc. Z87200 Datasheet HTML 33Page - Zilog, Inc. Z87200 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Z87200
Spread-Spectrum Transceiver
Zilog
4-30
DS96WRL0400
CONTROL REGISTERS (Continued)
ficients, each requiring 2 bits of storage according to the
mapping shown in Table 8.
As a convention, Tap 0 is the first tap as the received sig-
nal enters the PN Matched Filter, and Tap 63 is the last. All
active taps of the PN Matched Filter, from Tap 0 up to Tap
(N-1), where N is the length of the PN code, should be pro-
grammed with tap coefficient values of +1 or -1 according
to the PN code sequence. Setting the end coefficients of
the PN Matched Filter registers to zero values permits the
effective length of the filter to be made shorter than 64
taps.
Addresses 07H through 16H:
Matched Filter Acquisition/Preamble Symbol
Coefficients
Addresses 07H to 16H contain the 64 2-bit Acquisition/Pre-
amble PN code coefficient values. The 128 bits of informa-
tion are stored in 16 8-bit registers at addresses 07H to 16H
as shown in Table 8.
Addresses 17H through 26H:
Matched Filter Data Symbol Coefficients
Addresses 17H to 26H contain the 64 2-bit Data Symbol
PN code coefficient values. The 128 bits of information are
stored in 16 8-bit registers at addresses 17H to 26H as
shown in The contents of addresses 17H to 26H are inde-
pendent of and not affected by the contents of addresses
07H to 16H.
Address 27H:
Bit 0 — Front End Processor Disable
The Front End Processor (FEP) averages the two base-
band samples per chip by adding consecutive pairs of
samples. The function may be disabled for test purposes
by using this bit: when set low, the FEP is enabled and in
its normal mode of operation; when set high, the FEP is
disabled.
Power Estimator Registers
Address 28H:
Bits 1-0 — Matched Filter Viewport Control
The Z87200 incorporates viewport (data selector) circuitry
to select any eight consecutive bits from the 10-bit outputs
of the PN Matched Filter as the 8-bit inputs to the Power
Estimator and DPSK Demodulator blocks. The Symbol
Tracking Processor, however, operates on the full 10-bit
PN Matched Filter outputs before the viewport is applied.
The signal levels of the PN Matched Filter output reflect
the number of chips per symbol and the signal-to-noise ra-
tio of the signal. Setting the viewport thus effectively nor-
malizes the PN Matched Filter outputs prior to further pro-
cessing. The unsigned value, n, of bits 1-0 of address 28H
determines the 8-bit input to the Power Estimator and
DPSK Demodulator blocks as the 10-bit PN Matched Filter
output divided by 2n. Equivalently, bits 1-0 control the
viewport of the PN Matched Filter output as shown in Note
Table 8. PN Matched Filter Tap Values
Tap Bits 1,0
Tap Coeff
X0
0
01
+1
11
-1
Table 9. Acquisition/Preamble Coefficient Storage
Address 16H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 63
Coeff. 62
Coeff. 61
Coeff. 60
Address 15H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 59
Coeff. 58
Coeff. 57
Coeff. 56
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
Address 08H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 7
Coeff. 6
Coeff. 5
Coeff. 4
Address 07H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 3
Coeff. 2
Coeff. 1
Coeff. 0
Table 10. Data Symbol Coefficient Storage
Address 26H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 63
Coeff. 62
Coeff. 61
Coeff. 60
Address 25H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 59
Coeff. 58
Coeff. 57
Coeff. 56
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
Address 18H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 7
Coeff. 6
Coeff. 5
Coeff. 4
Address 17H
Bits 7,6
Bits 5,4
Bits 3,2
Bits 1,0
Coeff. 3
Coeff. 2
Coeff. 1
Coeff. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com