Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 34Page - Zilog, Inc. Z87200 Datasheet HTML 35Page - Zilog, Inc. Z87200 Datasheet HTML 36Page - Zilog, Inc. Z87200 Datasheet HTML 37Page - Zilog, Inc. Z87200 Datasheet HTML 38Page - Zilog, Inc. Z87200 Datasheet HTML 39Page - Zilog, Inc. Z87200 Datasheet HTML 40Page - Zilog, Inc. Z87200 Datasheet HTML 41Page - Zilog, Inc. Z87200 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Z87200
Spread-Spectrum Transceiver
Zilog
4-38
DS96WRL0400
CONTROL REGISTERS (Continued)
Address 3BH:
Bit 0 — Matched Filter Loopback Enable
The Z87200 incorporates a loopback capability that feeds
the encoded and spread transmit signals TXIOUT and TX-
QOUT directly into the PN Matched Filter inputs. This test
mode allows the baseband portion of the system to be test-
ed independently of the BPSK/QPSK Modulator and
Downconverter.
Setting bit 0 of address 3BH high enables this loopback
path; setting it low puts the device into its normal operating
mode.
Bit 1 — I.F. Loopback Enable
The Z87200 incorporates a loopback capability that feeds
the encoded, spread and modulated transmit signal
TXIFOUT7-0 directly into the receiver RXIIN7-0 input. This
test mode allows the entire digital portion of the system to
be tested. Since only the I channel is provided as an input,
I.F. loopback requires that the PN chip rate and RXIFCLK
rate be consistent with Direct I.F. Sampling Mode.
Setting bit 1 of address 3BH high enables this loopback
path; setting it low puts the device into its normal operating
mode.
Bits 3-2 — Receiver Overlay Select
The Z87200 incorporates programmable overlay code
generators in both the transmitter and receiver. When en-
abled, the selected receiver overlay code is subtracted
from the data symbols, one overlay bit per symbol in both
BPSK and QPSK modes. No synchronization beyond the
burst acquisition synchronization that is intrinsic to opera-
tion of the Z87200 is required since the overlay code gen-
erators in both the transmitter and the receiver are auto-
matically reset at the start of each burst. The addition of
the overlay code randomizes the transmitted data se-
quence to guarantee that the spectrum of the transmitted
signal will be adequately whitened and will not contain a
small number of spectral lines even when the data itself is
not random.
Three transmit and receive overlay codes can be selected,
where they are each maximal length sequences with
lengths of 63, 511 and 1023 symbols. The receiver overlay
codes are enabled and selected by the settings of bits 3-2
of address 3BH, as shown in Table 19.
Addresses 3CH through 3FH: Unused
Transmit Control Registers
Address 40H:
Bit 0 — Transmit BPSK
This bit configures the transmitter for either BPSK or
QPSK mode transmission. and differential encoding.
If programmed for BPSK mode, data is requested by the
Z87200 by a rising edge of output signal TXBITPLS, where
TKBITPLS is generated once per symbol, one chip period
before the end of the current symbol. At the end of the
symbol duration, the TXIN data is latched into the device.
TXBITPLS falls low immediately following the rising edge
of TXIFCLK, which latches the TXIN value, and is generat-
ed repeatedly at the symbol rate as long as the input signal
MTXEN remains high.
In QPSK mode, data is requested by the Z87200 by a ris-
ing edge of output signal TXBITPLS, where this signal is
generated in this mode twice per symbol, first one chip pe-
riod before the middle of the symbol and then one chip pe-
riod before the end of the symbol. TXBITPLS requests the
data exactly one chip cycle before latching the TXIN data
into the device. TXBITPLS falls low immediately following
the rising edge of TXIFCLK, which latches the TXIN value.
When bit 0 of address 40H is set low, the transmitter is con-
figured in QPSK mode; when it is set high, the transmitter
is configured in BPSK mode.
Table 20. Receiver Overlay Code Select
Bits 3-2 in
Addr. 3BH
Overlay Code Length
and Polynomial
0
Overlay Code Disabled
1
63: 1 +x-2+x-3+x-5+x-6
2
511: 1 +x-2+x-3+x-5+x-9
3
1023: 1 + x-2+x-3+x-5+x-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com