Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 36Page - Zilog, Inc. Z87200 Datasheet HTML 37Page - Zilog, Inc. Z87200 Datasheet HTML 38Page - Zilog, Inc. Z87200 Datasheet HTML 39Page - Zilog, Inc. Z87200 Datasheet HTML 40Page - Zilog, Inc. Z87200 Datasheet HTML 41Page - Zilog, Inc. Z87200 Datasheet HTML 42Page - Zilog, Inc. Z87200 Datasheet HTML 43Page - Zilog, Inc. Z87200 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Z87200
Spread-Spectrum Transceiver
Zilog
4-40
DS96WRL0400
CONTROL REGISTERS (Continued)
Address 4CH through 53H:
Data Symbol Code
Addresses 4CH to 53H contain the binary Data Symbol PN
code sequence values. The storage capacity, assign-
ments, and operation are similar to that of the Acquisi-
tion/Preamble PN code sequence values. The configura-
tion of the bits stored is as shown in Table 22.
Transmit Control Registers
Address 54H:
Bits 1-0 — Transmitter Overlay Select
The Z87200 incorporates programmable overlay code
generators in both the transmitter and receiver. When en-
abled, the selected transmitter overlay code is subtracted
from the data symbols, one overlay bit per symbol in both
BPSK and QPSK modes. No synchronization is required
since the codes in both the transmitter and the receiver are
automatically synchronized by resetting the code genera-
tors at the start of each burst. The addition of the overlay
codes randomizes the transmitted data sequence to guar-
antee that the spectrum of the transmitted signal will be ad-
equately whitened and will not contain a small number of
spectral lines even when the data itself is not random.
Three transmit and receive overlay codes can be selected,
where they are each maximal length sequences with
lengths of 63, 511 and 1023 symbols. The transmitter
overlay codes are enabled and selected by the settings of
bits 1-0 of address 54H, as shown in Table 23.
Bit 2 —Transmitter Symbols Per Burst Off
Bit 2 of address 54H is not used and must always be set
low (0).
Address 55H through 56H:
Transmitter Data Symbols per Burst (bits 15-0)
The data stored as two bytes in addresses 55H (LS byte)
and 56H (MS byte) defines the number of data symbols per
burst for the transmitter. This unsigned value must range
from 1 to 65,535 (0001H to FFFFH), and the number of
data symbols per burst will be this value plus 1. Note that
the range is slightly different from that in the receiver. Once
the number of transmitted data symbols exceeds this num-
ber, the burst is assumed to have ended and the transmit-
ter is immediately turned off. If the data value is set to
0000H, then the symbols per burst counter is disabled, per-
mitting the Z87200 to be used for continuous transmission
of data.
Table 22. Data Symbol Codes
Addr 53H, Bits 7-0
Code Bits 63-56
••••••••••
••••••••••
Addr 4DH, Bits 7-0
Code Bits 15-8
Addr 4CH, Bits 7-0
Code Bits 7-0
Table 23. Transmitter Overlay Code Select
Bits 1-0 in
Addr. 54H
Overlay Code Length
and Polynomial
0
Overlay Code Disabled
1
63: 1+x-2+x-3+x-5+x-6
2
511: 1+x-2+x-3+x-5+x-9
3
1023: 1+x-2+x-3+x-5+x-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com