Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 9Page - Zilog, Inc. Z87200 Datasheet HTML 10Page - Zilog, Inc. Z87200 Datasheet HTML 11Page - Zilog, Inc. Z87200 Datasheet HTML 12Page - Zilog, Inc. Z87200 Datasheet HTML 13Page - Zilog, Inc. Z87200 Datasheet HTML 14Page - Zilog, Inc. Z87200 Datasheet HTML 15Page - Zilog, Inc. Z87200 Datasheet HTML 16Page - Zilog, Inc. Z87200 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Z87200
Zilog
Spread-Spectrum Transceiver
DS96WRL0400
4-13
4
AC CHARACTERISTICS
Operating Conditions: VDD = 5.0V ±5%, VSS = 0V
TA = 0° to +70°C
Symbol
Parameter
Min
Max
Units
tD1
/OEN low to RXTEST 7-0 active
11
ns
tD2
/OEN high to RXTEST 7-0 tri-state
7
ns
Figure 6. /OEN to RXTEST 7-0 Timing
RXTEST 7-0
/OEN
TD1
TD2
Tri-state
Low Impedance State
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com