Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z87200 Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z87200
Description  Spread-Spectrum Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87200 Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z87200 Datasheet HTML 43Page - Zilog, Inc. Z87200 Datasheet HTML 44Page - Zilog, Inc. Z87200 Datasheet HTML 45Page - Zilog, Inc. Z87200 Datasheet HTML 46Page - Zilog, Inc. Z87200 Datasheet HTML 47Page - Zilog, Inc. Z87200 Datasheet HTML 48Page - Zilog, Inc. Z87200 Datasheet HTML 49Page - Zilog, Inc. Z87200 Datasheet HTML 50Page - Zilog, Inc. Z87200 Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Z87200
Zilog
Spread-Spectrum Transceiver
DS96WRL0400
4-47
4
Differential Demodulation
As noted in the preceding text, computation of the “Dot”
and “Cross” products is fundamental to operation of the
DPSK Demodulator and Frequency Discriminator. Let Ik
and Qk represent the I and Q channel inputs, respectively,
for the kth symbol after downconversion and despreading.
The Dot and Cross products can then be defined as:
Dot(k) = Ik Ik-1 + Qk Qk-1; and,
Cross(k) = Qk Ik-1 - Ik Qk-1
In the complex domain, these products can be seen to
have been defined to form the complex conjugate product
between two input samples, one symbol apart. Let the kth
input sample, sin(k), be defined as:
sin(k) = I(k) + j Q(k),
where I(k) and Q(k) are the 8-bit peak power PN Matched
Filter I and Q channel outputs directed to the DPSK De-
modulator. In polar form, sin(k) may be conveniently de-
fined as:
sin(k) = A(k)e
jØ(k)
with
A(k)
Ø(k) = arctan
Simple substitution then shows that the complex conjugate
product between consecutive symbols (with an arbitrary
phase shift introduced to the previous symbol value) may
be expressed as:
sout(k)= sin(k) [sin(k–1) . ωfixed]*
= Dot(k) + j Cross(k)
where
ω
fixed = arbitrary fixed phase rotation;
Dot(k)= Re[sout(k)]; and,
Cross(k)= Im[sout(k)]*
The fixed phase rotation
ω
fixed has been introduced to later
simplify the decision criteria. The ability to express real and
imaginary parts of the complex conjugate product between
consecutive symbols with the Dot and Cross products is
the key to their use in DPSK demodulation.
DBPSK Demodulation
In DPSK, the phase difference between successive sam-
ples is due to the data modulation phase differences,
Ưmod, plus any induced phase rotation between sym-
bols,
Ưrot, resulting from, for example, a frequency offset
between the received signal’s I.F. and that provided by the
Downconverter. For DBPSK, the data modulation differ-
ences
∆Ømod can take only the values of 0° or 180°. Ex-
pressing the complex phase difference [Ø(k)-Ø(k-1)] in
terms of these components, the decision can be seen to be
based on:
Sout(k)=A(k) A(k-1) ejØ(k)*e-jØ(k-1)
=
A(k)*A(k1)*e
j[
Ư
mod
(k)+
Ư
rot(k)]
For DBPSK, only the real part of sout(k), Dot(k), is needed
to determine the modulated phase transition:
Dot(k)= A(k)*A(k-1)*cos(Ưmod(k)+Ưrot(k))
=
±A(k)
*A(k-1)*cos(Ưrot(k))
where the sign is determined by the transmitted data since
cos[
Ư
mod(k)] = ±1* As a result,
Dot(k)
≈ ±A2(k)
if the amplitude of the signal is constant for consecutive
symbols and if the phase rotation
Ư
rot(k) between sym-
bols is small. The Z87200 DPSK Demodulator can thus
use the sign of the Dot product in order to make DBPSK
symbol decisions without the introduction of any fixed
phase rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com