Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1619 Datasheet HTML 4Page - Linear Technology LT1619 Datasheet HTML 5Page - Linear Technology LT1619 Datasheet HTML 6Page - Linear Technology LT1619 Datasheet HTML 7Page - Linear Technology LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology LT1619 Datasheet HTML 10Page - Linear Technology LT1619 Datasheet HTML 11Page - Linear Technology LT1619 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1619
1619fa
Power MOSFET
MOSFET power dissipation can be separated into fre-
quency independent and frequency dependent compo-
nents. The RDS(ON) loss in the switch is the product of the
mean square switch current and switch RDS(ON) and it
does not vary with the operating frequency.
The frequency-dependent switching losses consist of 1)
switch transition loss due to finite rise and fall times of the
drain source voltage and the drain current 2) gate switch-
ing loss, i.e., a packet of charge Qg (the total gate charge)
which is moved from the gate drive power supply to
ground in every switch cycle, and 3) the drain switching
loss, charge stored on the parasitic drain capacitance,
COSS is dumped to ground as the switch is turned on. The
transistor loss can be expressed as:
PLOSS = IDRMS2 RDS(ON) + transition loss + QgVGfS
+ 1/2COSSVDS(OFF)2fS
where the transition loss can be estimated with:
Transition Loss I
CV
f
I
D
RSS DS OFF
S
G AVG
=
()
()
2
Qg = The total gate charge
VG = Gate drive voltage ≈ VDRV
IG(AVG) = The average MOSFET buffer output current
fS = Operating frequency
CRSS = The average CGD between VDS = 0V
and VDS = VDS(OFF)
At low VDS(OFF) (≤12V) and operating frequencies below
500kHz, the ohmic losses often dominate. For high voltage
converters, the transition loss and COSS charge dumping
loss can dramatically impact the converter efficiency.
MOSFETs with lower parasitic capacitances but higher
RDS(ON) may actually provide better efficiency in these
situations.
Capacitors
In a switch mode DC/DC converter, output ripple voltage
is the product of the equivalent series resistance (ESR) of
the output capacitor and the peak-to-peak capacitor
current. Depending on topology, current feeding the out-
put capacitor can be continuous or discontinuous. The input
current can also be continuous or discontinuous even if the
inductor current itself is continuous. In boost topology, the
inductor is in series with the input source so the input
current is continuous and the output current is discontinu-
ous. In buck-boost or flyback converters, the inductor is
not in series with the input source nor the output, so nei-
ther the input current nor output current is continuous.
Whenever a terminal current is discontinuous, the capaci-
tor at that terminal should be chosen to handle the ripple
current. Capacitor reliability will be adversely affected if
the ripple current exceeds the maximum allowable rat-
ings. This maximum rating is specified as the RMS ripple
current. Several capacitors may be mounted in parallel to
meet the size and ripple current requirements.
Besides the ripple voltage requirements, the output ca-
pacitor also needs to be sized for acceptable output
voltage variation under load transients.
Current Sensing Resistor RSENSE
The LT1619 drives a low side N-channel MOSFET switch.
The switch current is sensed with an external resistor
RSENSE connected between the source of the MOSFET and
ground. The internal blanking circuit blocks the voltage
spike developed across RSENSE for 280ns at switch turn-
on. The switch is turned off when the instantaneous
voltage across RSENSE exceeds the current limit threshold,
VSENSE. Allowing variations in VSENSE yields:
R
V
I
SENSE
SENSE MIN
LMAX
=
()
()
The current limit threshold is constant and does not vary
with duty ratio.
Due to low signal level of the sense voltage, low inductance
sense resistors are required to reduce switching noise.
Low TC resistors maintain constant current limit over
temperature. Dale WSL and IRC series sense resistors
meet these criteria.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com