Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 5 Page - Linear Technology

  LT1619 Datasheet HTML 1Page - Linear Technology LT1619 Datasheet HTML 2Page - Linear Technology LT1619 Datasheet HTML 3Page - Linear Technology LT1619 Datasheet HTML 4Page - Linear Technology LT1619 Datasheet HTML 5Page - Linear Technology LT1619 Datasheet HTML 6Page - Linear Technology LT1619 Datasheet HTML 7Page - Linear Technology LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1619
1619fa
+
Q
R
ILIM
1619 F02
CURRENT
LIMIT
COMPARATOR
S
Σ
++
DRIVER
280ns
CURRENT
SENSE
AMP
GATE
DRV
VIN
6
GND
4
SENSE
RSENSE
LOAD
5
7
LEADING
EDGE
BLANKING
C1
SYNC
RAMP COMP
300kHz
OSCILLATOR
SHUTDOWN
DELAY
REF/BIAS
S/S 1
FB
1.24V
1.8V
VC
VIN
CLK
IDLE
UVLO
+
VB
+
A1
+
A2
ERROR
AMPLIFIER
2
3
8
gm
Figure 2. LT1619 Block Diagram
S/S (Pin 1): Shutdown and Synchronization. Shutdown is
active low with a typical threshold voltage of 0.9V. For
normal operation, the S/S pin is tied to VIN. To externally
synchronize the controller, drive the S/S pin with pulses.
FB (Pin 2): The inverting Input of the Error Amplifier.
Connect the resistor divider tap here. Set VOUT according
to VOUT = 1.24(1 + R1/R2). See Figure 1.
VC (Pin 3): Compensation Pin for the Error Amplifier. VC is
the output of the transconductance amplifier. Overall loop
is compensated with an RC network from this pin to the
ground.
GND (Pin 4): Ground. Connect to local ground plane.
SENSE (Pin 5): The Input of the Current Sense Amplifier.
The SENSE pin is connected to the source of the N-channel
MOSFET and to a sense resistor to the ground. The current
limit threshold is internally set at 53mV, giving a maximum
switch current of 53mV/RSENSE.
GATE (Pin 6): The Output of the MOSFET Driver.
DRV (Pin 7): The Pull-Up Supply of the MOSFET Driver. Tie
this pin to VIN (Pin 8) for nonbootstrapped operation or to
the converter output for bootstrapped operation.
VIN (Pin 8): Supply or Battery Input. Must be closely
bypassed to the ground plane.
PI FU CTIO S
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com