Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology LT1619 Datasheet HTML 15Page - Linear Technology LT1619 Datasheet HTML 16Page - Linear Technology LT1619 Datasheet HTML 17Page - Linear Technology LT1619 Datasheet HTML 18Page - Linear Technology LT1619 Datasheet HTML 19Page - Linear Technology LT1619 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1619
1619fa
Figure 18a. Isolated Local SLIC Power Supply (Flyback) 20W Total Output Power (65V/0.3A or 32.5V/0.6A)
T1
W1
W4
W3
W2
•
•
•
•
10
µF
IRLR024N
55V, 0.065
Ω
QG = 15nC
330pF
50V
1
µF
0.1
µF
150
µF
20V
SANYO
20SV150M
(OS-CON)
43
Ω
MBRS1100T3
1619 F18a
43
Ω
1/4W
100
Ω
82k
20k
8.1V
10k
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
1k
1W
1
µF
50V
330pF
100V
2.2
µF
40V
470pF
2.2
µF
40V
–32.5V
–65V
0.22
µF
50V
MBRS1100T3
MBRS1100T3
VIN
10.5V TO
13.7V
0.008
Ω
62k
100
Ω
6.2V
10k
470
Ω
CNY17-3
121
Ω
220pF
2.49k
T1
PHILIPS EFD20-3F3-A100-S
CORE SET (0.013" GAP, AI = 100nH/T2
W4 6T TRIFILAR 28AWG
W1 6T TRIFILAR 28AWG
W3 24T 28AWG
W2 24T 28AWG
2mil
POLYESTER
FILM
LT1619
LT1431
1
2
3
4
8
7
6
5
COLL
NC
V+
NC
REF
NC
FGND
SGND
LOAD CURRENT (mA)
10
50
60
70
90
100
1000
1619 F18b
80
55
65
85
75
VIN = 13.7V
VIN = 12V
VIN = 10.5V
Figure 18b. Efficiency of the Isolated Local SLIC (Flyback)
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com