Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology LT1619 Datasheet HTML 10Page - Linear Technology LT1619 Datasheet HTML 11Page - Linear Technology LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology LT1619 Datasheet HTML 15Page - Linear Technology LT1619 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1619
1619fa
Increasing Ramp Compensation While Synchronizing
The LT1619 is synchronized by forced discharge of the
internal timing ramp. The timing ramp amplitude de-
creases as the synchronization frequency increases. Since
the internal compensation ramp is derived from the timing
ramp, reduced timing ramp results in diminished com-
pensating ramp. If the LT1619 is synchronized at frequen-
cies 20% to 30% higher than the free-running frequency,
external ramp compensation will be required. Figures 12
and 13 show two such schemes.
In both figures the compensating ramps are kept linear by
making R11-C1 and R14-C2 products substantially higher
than the synchronizing period. The compensation ramps,
whose peak amplitudes are made between 1/4 to 1/3 of the
current limit threshold, are developed across R13. As a
result, the effective current limit threshold is reduced by
the sum of the compensating ramp and the offset voltage
developed across R13 due to the SENSE pin input bias
current (see Figure 5). Moreover, the current limit thresh-
old becomes duty cycle dependent.
PC Board Layout and Other Practical Considerations
The following is recommended for PC board layout:
1. Trace lengths of the branches carrying switched cur-
rent should be kept short. For example, in the boost
converter of Figure 1, the circuit loop formed by M1,
RSENSE, D1 and COUT carries switched current. The size
of this loop must be minimized. RSENSE and COUT
should be grounded to a single point on a large ground
plane. This reduces switching noise and overall con-
verter jitter. It is also preferable to ground the input
capacitor C1 close to the common point between COUT
and RSENSE although this is less important.
2. Keep the trace between the sense resistor and the
SENSE pin short. When sensing high switch current,
Kelvin connection to RSENSE is necessary.
3. Bypass both the VIN and DRV pins with ceramic capaci-
tors next to the IC and the ground plane.
4. Keep high voltage switching nodes, such as the drain
and gate of the MOSFET, away from the FB and VC pins.
5. Use inductor so that its ripple current is between 1/4
and 1/3 of its peak current. Steeper inductor current
ramp results in sharper PWM comparator switching,
hence less jitter.
6. In most cases, filtering the current sense signal is not
necessary for jitter-free operation.
Figure 14 is the PC board layout for the 5V/8A and 12V/5A
boost converters shown in Figures 15a and 16a.
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
RSENSE
CLK
D2
1N4148
Q1
2N2222
R11
100k
R12
2200
Ω
R13
51
Ω
MAIN POWER
TRANSISTOR
C1
220pF
1619 F12
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
RSENSE
CLK
D2
1N4148
D3
1N4148
R14
8200
Ω
R15
2400
Ω
R13
51
Ω
C2
2.2nF
1619 F13
Figure 12. Increasing Ramp Compensation. Q1 Buffers the C1
Ramp. D2 Discharges C1. Values Shown are for 10V Gate Drive
and 15mV Ramp Across R13 at 90% Duty Cycle and 500kHz
Figure 13. Externally Increasing Ramp Compensation. Similar
to Figure 12 Except That C2 is Not Buffered with Transistor
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com