Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 1 Page - Linear Technology

  LT1619 Datasheet HTML 1Page - Linear Technology LT1619 Datasheet HTML 2Page - Linear Technology LT1619 Datasheet HTML 3Page - Linear Technology LT1619 Datasheet HTML 4Page - Linear Technology LT1619 Datasheet HTML 5Page - Linear Technology LT1619 Datasheet HTML 6Page - Linear Technology LT1619 Datasheet HTML 7Page - Linear Technology LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1619
1619fa
Low Voltage Current Mode
PWM Controller
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1619 is a fixed frequency PWM controller for
implementing current mode DC/DC converters with mini-
mum external parts. The LT1619 operates with input
voltages ranging from 1.9V to 18V and is suitable for a
variety of battery-powered and distributed DC/DC con-
verters. The internal rail-to-rail N-channel MOSFET driver
operates either from the input in the nonbootstrapped
mode or from the output in bootstrapped operation. The
driver is designed to drive a low side power transistor in
boost, SEPIC, flyback and other topologies.
Converter efficiency is improved at heavy loads with a
53mV current sense voltage and at light load with Burst
Mode operation. The operating frequency is internally set
at 300kHz. The oscillator can also be synchronized exter-
nally up to 500kHz. No load quiescent current is 140
µAand
shutdown current is 15
µA.
The LT1619 is available in 8-lead MSOP and SO packages.
s
Wide VIN Range: 1.9V to 18V
s
300kHz Fixed Frequency Current Mode Control
s
1A Rail-to-Rail N-Channel MOSFET Driver
s
Low 53mV Current Limit Threshold Voltage
Improves Efficiency
s
Implements Boost, SEPIC and Flyback Converters
Requiring Low Side Power Transistors
s
Internal Current Sense Amplifier
with Leading Edge Blanking
s
Up to 500kHz External Synchronization
s
Burst Mode
® Operation for High Efficiency
at Light Load
s
140
µA Quiescent Current
s
15
µA Shutdown Current
s
8-Lead MSOP and SO Packages
s
3.3V to 5V DC/DC Converters
s
Distributed Power Supplies
s
Isolated Power Supplies
Figure 1. High Efficiency 3.3V to 5V DC/DC Converter
Burst Mode is a registered trademark of Linear Technology Corporation.
LOAD CURRENT (mA)
75
80
85
90
95
1
100
1000
1619 F01a
70
10
Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
0.1
µF
0.1
µF
15nF
220pF
VIN
3.3V
L1
5.6
µH
5A
D1
M1
Si9804
VOUT
5V
2.2A
RSENSE
0.01
1619 F01
75k
37.4k
12.4k
C1
22
µF
C1: PANASONIC EEFCDOK220R
COUT: KEMET T495X227K010AS (×2)
D1: MBRD835L
L1: COILCRAFT DO5022P-562
+
COUT
440
µF
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619


Similar Part No. - LT1619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1619 LINER-LT1619 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
Low Voltage Current Mode PWM Controller
More results

Similar Description - LT1619

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com