Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1619 Datasheet HTML 7Page - Linear Technology LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology LT1619 Datasheet HTML 10Page - Linear Technology LT1619 Datasheet HTML 11Page - Linear Technology LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology LT1619 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1619
1619fa
Here the input voltage ripple is filtered with R3, R4 and C1
so as to prevent the input ripple from falsely tripping the
LT1619 synchronization circuit. It is recommended that:
RR
and
RR C
fOSC
4
1
5
3
1
23
4 1
≈
π
()
<<
||
Implementation of Hysteretic UVLO
with External Synchronization
The UVLO circuit shown in Figure 10 operates down to
0.9V supply voltage. Algebraically the UVLO trip points
are:
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
R9
510k
R7
51k
VIN
CLK
D1
BAT85
Q2
2N2222
VIN UPPER TRIP POINT = 10V
VIN LOWER TRIP POINT = 8.4V
1619 F10
R8
30k
8.2V
R5
51k
+
–
R6
51k
Q1
2N2222
Figure 10. Addition of Hysteresis UVLO While Synchronizing the
LT1619. Component Values Shown are for the Upper and the
Lower VIN Trip Points of 10V and 8.4V. In UVLO, the Gate Drive
is Disabled by Pulling the VC Pin Low. Disabling the Clock Shuts
Down the LT1619. If Not Synchronized, the Collector of Q2 Can
Be Tied to the S/S Pin and the Diode D1 Can Be Eliminated
The collector votage of Q2 is made about 1.4V at the VIN
lower trip voltage. This is necessary to prevent the UVLO
circuit from interfering with the feedback amplifier in the
LT1619.
Trickle Current Start from High Voltage Supplies
The low shutdown and idle mode quiescent supply cur-
rents of the LT1619 can be utilized to implement trickle
current start from high voltage input sources (such as a
36V to 72V telecom bus). The trickle current start-up
circuit in Figure 11 is modified from the UVLO circuit of
Figure 10. R10 is a high value resistor that charges the
storage capacitor C2 during start-up. Before VCC reaches
the upper UVLO trip point, Q2 holds the S/S pin low. The
LT1619 draws shutdown mode current (
≈15µA)fromVCC.
Q2 collector can also be tied to the VC pin through a diode
as in Figure 10. The LT1619 will then draw idle mode
quiescent current (
≈140µA) from VCC. R10 should be able
to charge C2 while supplying current to the UVLO circuit
and the LT1619. Maximizing R5 to R9 values reduces
power dissipation in R10.
When VCC crosses the upper UVLO threshold, the LT1619
starts switching and its current consumption increases.
Before the bootstrap takes over, the LT1619 draws its
current from C2. VCC ramps towards the lower UVLO
threshold. Increasing the value of C2 allows more time for
the bootstrap circuit to establish itself before the converter
enters undervoltage lockout.
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
BOOTSTRAP
WINDING
T1
D2
R9
R7
VCC
HV VIN
Q2
1619 F11
R8
C2
R10
R5
R6
Q1
Figure 11. Trickle Current Start-Up with Bootstrapped VCC
VV
V
R
RR
and
V
RR
R
R
VV
RR
R
RR
R
R
UVLO Hysteresis
V
V
R
RR
R
V
V
R
RR
R
INH
Z
BE
INL
Z
BE
INH
INL
Z
BE
=+
+


=
+
()
+
+
()
+
()
==
++


+
1
5
67
57
9
5
57
9
56
7
9
5
57
9
5
67
5
||
||
||
||
||
–
||
–
||
|| R
R
R
79
6
+
()
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com