Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1619 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology LT1619 Datasheet HTML 15Page - Linear Technology LT1619 Datasheet HTML 16Page - Linear Technology LT1619 Datasheet HTML 17Page - Linear Technology LT1619 Datasheet HTML 18Page - Linear Technology LT1619 Datasheet HTML 19Page - Linear Technology LT1619 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1619
1619fa
Figure 17a. 5V to – 48V Cuk Converter
LOAD CURRENT (mA)
10
79
81
83
85
87
100
1000
1619 F17b
90
89
80
82
84
86
88
VIN = 5.25V
VIN = 4.75V
VIN = 5V
Figure 17b. Efficiency of the 5V to – 48V Cuk
TYPICAL APPLICATIO S
10
µF
SUD45N05-20L
50V, 0.018
43nC
1
µF
T1
4.7
µF
FILM
22nF
T1: COILTRONICS CTX02-14261, EFD20-3F3, 6 WINDINGS EACH, 12
µH
2.2nF
15
1619 F17a
30
220pF
2N5210
36k
1.1k
470
µF
35V
SANYO MV-GX
–48V/0.5A
470
µF
35V
SANYO MV-GX
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
4.7
µF
FILM
MBRS340T3
MBRS340T3
1500
µF
6.3V
SANYO MV-GX
1N749
4.3V
VIN
4.75V TO
5.25V
2N5210
10.5k
1%
12k
1M
0.007
432k
1%
LT1619
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com